Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4031B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4031B
Description  64-STAGE STATIC SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4031B Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4031B Datasheet HTML 1Page - STMicroelectronics HCF4031B Datasheet HTML 2Page - STMicroelectronics HCF4031B Datasheet HTML 3Page - STMicroelectronics HCF4031B Datasheet HTML 4Page - STMicroelectronics HCF4031B Datasheet HTML 5Page - STMicroelectronics HCF4031B Datasheet HTML 6Page - STMicroelectronics HCF4031B Datasheet HTML 7Page - STMicroelectronics HCF4031B Datasheet HTML 8Page - STMicroelectronics HCF4031B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PHL ,
t PL H,tPLH
Propagation Delay Time :
Clock to Q,
Clock to Q
5
250
500
ns
10
110
220
15
90
180
t PHL ,
t PL H,tPHL
Propagation Delay Time :
Clock to Q’
Clock to Q
5
190
380
ns
10
80
160
15
65
130
Clock to CLD
5
100
200
ns
10
50
100
15
40
80
t THL’,tTLH Transition Time :
(any output, except QtTHL)
5
100
200
ns
10
50
100
15
40
80
t THL
Q,
5
50
100
ns
10
25
50
15
20
40
t set u p
Data Setup Time
5
30
60
ns
10
15
30
15
10
20
t ho ld
Data Hold Time
5
30
60
ns
10
15
30
15
10
20
t W
Clock Pulse Width
5
120
240
ns
10
50
100
15
40
80
f max
Maximum Clock Input
Frequency**
52
4
MHz
10
5
10
15
6
12
t r,tf
Clock Input Rise or Fall Time*
5
1000
µs
10
1000
15
200
*
If more than one unit is cascaded in the parallel clocked application, trCL should be made less than or equal to the sum of
the propagation delay at 50pF and the transmiti on time of the output driving stage.
*
* Maximum Clock Frequency for Cascaded Units;
a) Using Delayed Clock Feature in Recirculation Mode :
fmax =
1
(n-1) CLD prop. delay + Q prop. delay + set-up time
where n = nimber of packages
b) Not Usng Delaye Clock :
fmax =
1
propagation delay + set-up time
HCC/HCF4031B
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com