Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4034B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCC4034B
Description  INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4034B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCC4034B Datasheet HTML 3Page - STMicroelectronics HCC4034B Datasheet HTML 4Page - STMicroelectronics HCC4034B Datasheet HTML 5Page - STMicroelectronics HCC4034B Datasheet HTML 6Page - STMicroelectronics HCC4034B Datasheet HTML 7Page - STMicroelectronics HCC4034B Datasheet HTML 8Page - STMicroelectronics HCC4034B Datasheet HTML 9Page - STMicroelectronics HCC4034B Datasheet HTML 10Page - STMicroelectronics HCC4034B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Test Conditions
Value
Symbol
Parameter
V DD (V)
Min.
Typ.
Max.
Unit
tPHL,tPLH
Propagation Delay Time :
A (B) Parallel Data in to
B (A) Parallel Data Out
5
350
700
ns
10
120
240
15
85
170
tPLZ,tPHZ
tPZL,tPZH
3-state Propagation Delay Time
A/B or AE to ”A” OUT
5
200
400
ns
10
80
160
15
60
120
tTHL,tTLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
tsetup
Data Setup Time Serial Data to
Clock
5
80
160
ns
10
30
60
15
20
40
Parallel Data to Clock
5
25
50
ns
10
15
30
15
10
20
tw
High-level Pulse Width, AE, P/S,
A/S
5
175
350
ns
10
70
140
15
40
80
fCL
Maximum Clock Frequency
5
2
4
MHz
10
5
10
15
7
14
tW
Clock Pulse Width
5
125
250
ns
10
50
100
15
35
70
tr,tf*
Clock Input Rise or Fall Time
5,10,15
15
µs
* If more than one unit is cascaded. tr should be made less than or equal to the sum of the transition time and the fixed propagation delay of the
output of the driving stage for the estimated capacitive load.
HCC/HCF4034B
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com