Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4034B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4034B
Description  INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4034B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4034B Datasheet HTML 1Page - STMicroelectronics HCC4034B Datasheet HTML 2Page - STMicroelectronics HCC4034B Datasheet HTML 3Page - STMicroelectronics HCC4034B Datasheet HTML 4Page - STMicroelectronics HCC4034B Datasheet HTML 5Page - STMicroelectronics HCC4034B Datasheet HTML 6Page - STMicroelectronics HCC4034B Datasheet HTML 7Page - STMicroelectronics HCC4034B Datasheet HTML 8Page - STMicroelectronics HCC4034B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HCC/HCF4034B
INPUT/OUTPUT BUS REGISTER
8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
DESCRIPTION
.
BIDIRECTIONAL PARALLEL DATA INPUT
.
PARALLEL OR SERIAL INPUTS/PARALLEL
OUTPUTS
.
ASYNCHRONOUS OR SYNCHRONOUS PAR-
ALLEL DATA LOADING
.
PARALLEL DATA-INPUT ENABLE ON ”A”
DATA LINES (3-state output)
.
DATA RECIRCULATION FOR REGISTER EX-
PANSION
.
MULTIPACKAGE REGISTER EXPANSION
.
FULLY STATIC OPERATIONAL DC-TO-5MHz
(typ.) AT VDD = 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4034B (extended temperature range) and
HCF4034B (intermediate temperature range) are
monolithic integrated circuits, available in 24-lead
dual in-line plastic or ceramic package and plastic
micro package. The HCC/HCF4034B is a static
eight-stage parallel-or serial-input parallel-output
register. It can be used to : 1) bidirectionally transfer
parallel information between two buses ; 2) convert
serial data to parallel form and direct the parallel
data to either of two buses ; 3) store (recirculate) par-
allel data, or 4) accept parallel data from either of two
buses and convert that data to serial form. Inputs
that control the operations include a single-phase
CLOCK (CL), A DATA ENABLE (AE), ASYN-
CHRONOUS/SYNCHRONOUS (A/S), A-BUS-TO-
B-BUS/B-BUS-TO-A-BUS (A/B), and PARALLEL/
SERIAL (P/S). Data inputs include 16 bidirectional
parallel data lines of which the eight A data lines are
inputs (3-state outputs) and the B data lines are out-
puts (inputs) depending on the signal level on the
A/B input. In addition, an input for SERIAL DATA is
also provided. All register stages are D-type master-
slave flip-flops with separate master and slave clock
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
ORDER CODES :
HCC4034BF
HCF4034BEY
HCF4034BM1
PIN CONNECTIONS
1/16


Similar Part No. - HCC4034B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4034B STMICROELECTRONICS-HCC4034B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4034BD STMICROELECTRONICS-HCC4034BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4034BK STMICROELECTRONICS-HCC4034BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC4034B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
logo
System Logic Semiconduc...
SL4034B SLS-SL4034B Datasheet
71Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Intersil Corporation
CD4034BMS INTERSIL-CD4034BMS Datasheet
149Kb / 14P
CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
logo
Integral Corp.
IW4034B INTEGRAL-IW4034B Datasheet
330Kb / 8P
8-STAGE STATIC BIDIRECTIONAL PARALLEL/ SERIAL INPUT/OUTPUT BUS REGISTER
logo
KODENSHI_AUK CORP.
KK4034B KODENSHI-KK4034B Datasheet
474Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
IK Semicon Co., Ltd
IW4034B IKSEMICON-IW4034B Datasheet
337Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4034BE TI-CD4034BE Datasheet
458Kb / 13P
CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034B TI1-CD4034B_15 Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com