Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8003
Description  HIGH FREQUENCY SECONDARY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8003 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8003 Datasheet HTML 1Page - STMicroelectronics STTH8003 Datasheet HTML 2Page - STMicroelectronics STTH8003 Datasheet HTML 3Page - STMicroelectronics STTH8003 Datasheet HTML 4Page - STMicroelectronics STTH8003 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STTH8003CY
September 2002 - Ed: 3A
HIGH FREQUENCY SECONDARY RECTIFIERS
®
n
COMBINES
HIGHEST
RECOVERY
AND
VOLTAGE PERFORMANCE.
n
ULTRA-FAST,
SOFT
AND
NOISE-FREE
RECOVERY.
n
HIGH OPERATING TEMPERATURE THANKS
TO LOW LEAKAGE CURRENT.
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward cur-
rent
Tc = 105°C
δ = 0.5
Per diode
Per device
40
80
A
IFSM
Surge non repetitive forward current
tp = 10 ms
sinusoidal
400
A
IRSM
Non repetitive avalanche current
tp = 100
µs
square
4A
Tstg
Storage temperature range
-55 +175
°C
Tj
Maximum operating junction temperature
+ 175
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
2x40 A
VRRM
300 V
VF (max)
1 V
trr (max)
60 ns
MAJOR PRODUCTS CHARACTERISTICS
A1
K
A2
Max247
Dual rectifiers suited for Switch Mode Power
Supply and high frequency DC to DC converters.
Packaged in Max247, this device is intended for
use in low voltage, high frequency inverters, free
wheeling
operation,
welding
equipment
and
telecom power supplies.
DESCRIPTION


Similar Part No. - STTH8003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8003CY STMICROELECTRONICS-STTH8003CY Datasheet
25Kb / 3P
HIGH FREQUENCY SECONDARY RECTIFIERS
Oct-1999
STTH8003CY STMICROELECTRONICS-STTH8003CY Datasheet
104Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
STTH8003CY STMICROELECTRONICS-STTH8003CY_02 Datasheet
104Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
More results

Similar Description - STTH8003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003TV STMICROELECTRONICS-STTH16003TV Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH3003CW STMICROELECTRONICS-STTH3003CW Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH6003TV STMICROELECTRONICS-STTH6003TV Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH8003CY STMICROELECTRONICS-STTH8003CY Datasheet
25Kb / 3P
HIGH FREQUENCY SECONDARY RECTIFIERS
Oct-1999
STTH803D STMICROELECTRONICS-STTH803D Datasheet
92Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003 STMICROELECTRONICS-STTH16003 Datasheet
110Kb / 7P
High frequency secondary rectifier
25-Jun-2008
STTH8003CY STMICROELECTRONICS-STTH8003CY_02 Datasheet
104Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
STTH20L03CT STMICROELECTRONICS-STTH20L03CT Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com