Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8003 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8003
Description  HIGH FREQUENCY SECONDARY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8003 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8003 Datasheet HTML 1Page - STMicroelectronics STTH8003 Datasheet HTML 2Page - STMicroelectronics STTH8003 Datasheet HTML 3Page - STMicroelectronics STTH8003 Datasheet HTML 4Page - STMicroelectronics STTH8003 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STTH8003CY
4/5
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Tj(°C)
IRM
S factor
Fig. 7: Relative variation of dynamic parameters
versus junction temperature (Reference: Tj = 125°C)
0
50
100 150 200 250 300 350 400 450 500
0
100
200
300
400
500
dIF/dt(A/µs)
tfr(ns)
IF=IF(av)
VFR=1.1 x VFmax
Tj=125°C
Fig. 9: Forward recovery time versus dIF/dt
(90% confidence, per diode)
0
50
100 150 200 250 300 350 400 450 500
0
2
4
6
8
10
dIF/dt(A/µs)
VFP(V)
IF=IF(av)
Tj=125°C
Fig. 8: Transient peak forward voltage versus
dIF/dt (90% confidence, per diode)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com