Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8R03
Description  300V HYPERFAST RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R03 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8R03 Datasheet HTML 1Page - STMicroelectronics STTH8R03 Datasheet HTML 2Page - STMicroelectronics STTH8R03 Datasheet HTML 3Page - STMicroelectronics STTH8R03 Datasheet HTML 4Page - STMicroelectronics STTH8R03 Datasheet HTML 5Page - STMicroelectronics STTH8R03 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STTH8R03G/D
February 2001 - Ed: 1H
300V HYPERFAST RECTIFIER
®
The
TURBOSWITCH
"R"
is
an
ultra
high
performance diode.
This TURBOSWITCH family, which drastically
cuts losses in associated MOSFET when run at
high dIF/dt, is suited for HF OFF-Line SMPS and
DC/DC converters.
DESCRIPTION
s
Designed for high frequency applications.
s
Hyperfast recovery competes with GaAs devices.
s
Allows size decrease of snubbers and heatsinks.
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward current
Tc = 140°C
δ = 0.5
8A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
80
A
Tstg
Storage temperature range
- 65 + 175
°C
Tj
Maximum operating junction temperature
+ 175
°C
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
8A
VRRM
300 V
IRM (typ.)
4A
Tj (max)
175 °C
VF (max)
1.3 V
trr (max)
30 ns
MAJOR PRODUCT CHARACTERISTICS
K
K
A
TO-220AC
STTH8R03D
K
NC
A
D
2PAK
STTH8R03G


Similar Part No. - STTH8R03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R03 STMICROELECTRONICS-STTH8R03 Datasheet
86Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
STTH8R03D STMICROELECTRONICS-STTH8R03D Datasheet
86Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
16-May-2012
STTH8R03DJF-TR STMICROELECTRONICS-STTH8R03DJF-TR Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
16-May-2012
STTH8R03G STMICROELECTRONICS-STTH8R03G Datasheet
86Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
More results

Similar Description - STTH8R03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R03G STMICROELECTRONICS-STTH8R03G Datasheet
86Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com