Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH8R03
Description  300V HYPERFAST RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R03 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH8R03 Datasheet HTML 1Page - STMicroelectronics STTH8R03 Datasheet HTML 2Page - STMicroelectronics STTH8R03 Datasheet HTML 3Page - STMicroelectronics STTH8R03 Datasheet HTML 4Page - STMicroelectronics STTH8R03 Datasheet HTML 5Page - STMicroelectronics STTH8R03 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STTH8R03G/D
2/6
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
VR =VRRM
Tj = 25°C
10
µA
Tj = 125°C
15
100
VF **
Forward voltage drop
IF = 8 A
Tj = 25°C
1.8
V
Tj = 125°C
1.05
1.3
Pulse test : * tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.9xIF(AV) + 0.05 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
2.5
°C/W
THERMAL AND POWER DATA
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
trr
IF = 0.5 A
Irr = 0.25 A
IR = 1A
Tj = 25°C
13
ns
IF =1A dIF/dt=-50A/
µsVR = 30V
30
IRM
VR = 200 V IF =8A
dIF/dt = - 200A/
µs
Tj = 125°C
4
5.5
A
S factor
0.4
RECOVERY CHARACTERISTICS
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
tfr
Tj = 25°C IF =8A
dIF/dt = 100A/
µs
measured at 1.1xVFmax
200
ns
VFP
Tj = 25°C IF =8A
dIF/dt = 100A/
µs
3.5
V
TURN-ON SWITCHING CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com