Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMS5804 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAMS5804
Description  Digital Input Class-D Amplifier with Advanced Audio Effects Tuning Supports Highest Quality Audio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAMS5804 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAMS5804 Datasheet HTML 1Page - Diodes Incorporated PAMS5804 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The PAMS58xx family consists of fully integrated, high-
efficiency, stereo Class-D audio amplifiers with digital inputs.
The PAMS58xx family consists of fully
integrated, high-efficiency, stereo Class-D
audio amplifiers with digital inputs. The
PAMS58xx family includes five members:
PAMS5803, PAMS5804, PAMS5825,
PAMS5826, and PAMS5827, each offering
a wealth of features. All devices have the
same pin sequence definition and can share
the same PCB layout design, only the
maximum output power and audio tuning
differ.
This family supports PVDD with an
operation range of 4.5V to 16–26.4V, while
DVDD supports either 3.3V or 1.8V. With
the integration of a few passive
components, these devices deliver stereo
output powers ranging from 24W to 41W per
channel, or mono output power between
40W and 82W, at 1% total harmonic
distortion plus noise (THD+N).
The PAMS58xx devices have enhanced
audio performance features, such as a
noise value lower than 37µVRMS, THD+N
down to 0.02%, and efficiency over 90%.
The PAMS58xx supports Class-H and SSM
functions. The advanced audio-tuning
provides DRC/EQ/DRB for audio designs.
The PAMS58xx is available in the thermally
enhanced TSSOP-28EP package.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
Digital Input Class-D Amplifier with Advanced Audio Effects
Tuning Supports Highest Quality Audio
PAMS58xx
▪ Close Loop Feedback with 24-Bit Digital Serial Input Interface
- Compliant with industry-standard digital serial data I/O control
interface
- I2S SDOUT outputs for audio monitoring, sub-channels, or acoustic
echo-cancelation (AEC)
- Supports high-resolution audio(24-Bit) for superb audio quality
- Close loop feedback design
▪ Programmable High-Quality Audio Processor
Utilizes advanced DSP: EQ, DRC, AGL, DRB, tone tuner, 3D support
▪ Extremely Low THD+N (0.02%) with Noise Less than 37µVRMS
Delivers exceptional audio fidelity in system applications
▪ >90% Efficiency and Class-H Support
Extends operating time while minimizing heat in portable equipment
Applications
▪ Portable speakers: Bluetooth®,
smart speakers with voice
assistance
▪ PCs and laptops
▪ Home audio: TVs, soundbars,
set top boxes (STBs), home
theaters in a box (HITB)
▪ Conference call systems
October 2025


Similar Part No. - PAMS5804

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PAM ALTECH-PAM Datasheet
285Kb / 1P
Padlock for 30 mm mushroom actuator
logo
Power Analog Micoelectr...
PAM 8610 PAM-PAM 8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Gamewell-FCI by Honeywe...
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
53Kb / 2P
Ionization Detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
90Kb / 2P
Photoelectronic detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
60Kb / 2P
Photoelectronic Detector
More results

Similar Description - PAMS5804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3103 TI-TAS3103 Datasheet
949Kb / 146P
Digital Audio Processor With 3D Effects
logo
List of Unclassifed Man...
NJU8725 ETC-NJU8725 Datasheet
167Kb / 13P
CLASS D AMPLIFIER FOR DIGITAL AUDIO
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
Digital Audio Processor With 3D Effects
logo
Analog Devices
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
31 W, Filterless, Class-D Digital Input Audio Amplifier
REV. 0
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
Digital Audio Processor With 3D Effects
TAS5722L TI1-TAS5722L Datasheet
304Kb / 13P
TAS5722L Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
STMicroelectronics
HFDA801A STMICROELECTRONICS-HFDA801A Datasheet
278Kb / 17P
4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com