Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFDA801A Datasheet (PDF) - STMicroelectronics

HFDA801A Datasheet PDF - STMicroelectronics
Part # HFDA801A
Download  HFDA801A Download
File Size   278.13 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth

HFDA801A Datasheet (PDF)

Go To PDF Page Download Datasheet
HFDA801A Datasheet PDF - STMicroelectronics

Part # HFDA801A
Download  HFDA801A Click to download

File Size   278.13 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth

HFDA801A Datasheet (HTML) - STMicroelectronics


HFDA801A Product details

Features
• AEC-Q100 qualification on going
• Integrated 120 dB D/A conversion
• I2S and TDM digital input (up to 16 CH TDM)
• Selectable input sample rate frequency (44.1/48/96/192 kHz)
• Wide supply operating range: 4.5 V - 2518 V (5 V min at turn-on transition)
• PWM 2 MHz switching PWM:
– Reduced size and cost of output LC
• High Resolution Bandwidth support:
– Up to 40 kHz (I2S 96 kHz) with attenuation [0 dB, -2 dB]
– Up to 80 kHz (I2S 192 kHz) with attenuation [0 dB, -2 dB]
• 4 I2C addresses
• 4 Ω, 2 Ω, 1 Ω driving with output channels parallelization
• MOSFET power outputs allowing high output power capability:
– Typ 4 x 30 W /4 Ω @ 14.4 V, 1 kHz THD = 10%
– Typ 4 x 25 W /4 Ω @ 14.4 V, 1 kHz THD = 1%
– Typ 4 x 50 W/2 Ω @ 14.4 V 1 kHz THD =10 %
– Typ 4 x 80 W/4 Ω @ 25V V, 1 kHz THD =10 %
• I2C full configurability and diagnostic:
– 4 x Thermal warning and average junction temperature measurement on
I2C (8 bits)
– AC and DC diagnostic (independent of channel)
– OCP protection scheme configurable (4 x OCP limit selectable)
– Mute time configuration
– DIM (digital impedance meter)
– Feedback after filter configuration
• Capability to run complete diagnostic in play:
– Short to GND/VCC
– DC offset detector
• Extremely Low noise:
– 13 μV A-weighted; 20 kHz (high gain) typ
• Very low THD:
– 0.02% at 1 W 1 kHz on 4 and 2 Ω loads typ
– 0.08% 20-20 kHz (full audio band) on 4 and 2 Ω loads (1 W)
• CD/Diag pin (3 selectable CD thresholds)
• Synchronization output pin (only with TDM input stream, on I2Sdata2)
• Channel independent Mute/Play/Gain selection/Diagnostic
• Real Time current monitor
• Open Load in play
• Battery load dump compatible (40 V)
• Immune to pop/tick noise at turn on /off, battery variations (inside the operative
range), during diagnostic
• EMI compliance evaluated according to CISPR25
• Legacy (no I2C mode)
• Integrated short circuit protections
• ESD integrated protections (2 kV HBM, 500 V / 750 V corner CDM)
• LQFP64 exposed pad up package

Description
HFDA801A is the new ST class-D audio amplifier, specifically designed for
automotive applications in the latest BCD technology. The HFDA801A integrates
a 24-bits 120 dB DAC conversion, and features 2 MHz switching PWM class D
output stage. This configuration enables the design of a compact and inexpensive
application, reaching at the same time outstanding level of audio performances.
HFDA801A supports wide band applications (80 kHz), with extremely low level of
noise and low THD. Moreover it features the most complete diagnostic matrix,
including full diagnostic in play to support the most demanding OEM requirements
in terms of speaker control and system robustness/ reliability. HFDA801A supports
start stop cranking down to 4.5 V (5 V at turn on) and it is housed in a very compact
and thin LQFP 10x10 package. Thus the HFDA801A is suitable for any level of
automotive application.




Similar Part No. - HFDA801A

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
RMT Ltd.
HFD02-040-04L04 RMT-HFD02-040-04L04 Datasheet
1Mb / 5P
Thermoelectric Solutions
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
Thermoelectric Solutions
HFD04-059-05L08 RMT-HFD04-059-05L08 Datasheet
1Mb / 5P
Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
Thermoelectric Solutions
More results


Similar Description - HFDA801A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com