Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFDA801A Datasheet(PDF) 1 Page - STMicroelectronics

Part # HFDA801A
Description  4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HFDA801A Datasheet(HTML) 1 Page - STMicroelectronics

  HFDA801A Datasheet HTML 1Page - STMicroelectronics HFDA801A Datasheet HTML 2Page - STMicroelectronics HFDA801A Datasheet HTML 3Page - STMicroelectronics HFDA801A Datasheet HTML 4Page - STMicroelectronics HFDA801A Datasheet HTML 5Page - STMicroelectronics HFDA801A Datasheet HTML 6Page - STMicroelectronics HFDA801A Datasheet HTML 7Page - STMicroelectronics HFDA801A Datasheet HTML 8Page - STMicroelectronics HFDA801A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LQFP64 (exposed pad up)
Features
•
AEC-Q100 qualification on going
•
Integrated 120 dB D/A conversion
•
I2S and TDM digital input (up to 16 CH TDM)
•
Selectable input sample rate frequency (44.1/48/96/192 kHz)
•
Wide supply operating range: 4.5 V - 2518 V (5 V min at turn-on transition)
•
PWM 2 MHz switching PWM:
–
Reduced size and cost of output LC
•
High Resolution Bandwidth support:
–
Up to 40 kHz (I2S 96 kHz) with attenuation [0 dB, -2 dB]
–
Up to 80 kHz (I2S 192 kHz) with attenuation [0 dB, -2 dB]
•
4 I2C addresses
•
4 Ω, 2 Ω, 1 Ω driving with output channels parallelization
•
MOSFET power outputs allowing high output power capability:
–
Typ 4 x 30 W /4 Ω @ 14.4 V, 1 kHz THD = 10%
–
Typ 4 x 25 W /4 Ω @ 14.4 V, 1 kHz THD = 1%
–
Typ 4 x 50 W/2 Ω @ 14.4 V 1 kHz THD =10 %
–
Typ 4 x 80 W/4 Ω @ 25V V, 1 kHz THD =10 %
•
I2C full configurability and diagnostic:
–
4 x Thermal warning and average junction temperature measurement on
I2C (8 bits)
–
AC and DC diagnostic (independent of channel)
–
OCP protection scheme configurable (4 x OCP limit selectable)
–
Mute time configuration
–
DIM (digital impedance meter)
–
Feedback after filter configuration
•
Capability to run complete diagnostic in play:
–
Short to GND/VCC
–
DC offset detector
•
Extremely Low noise:
–
13 µV A-weighted; 20 kHz (high gain) typ
•
Very low THD:
–
0.02% at 1 W 1 kHz on 4 and 2 Ω loads typ
–
0.08% 20-20 kHz (full audio band) on 4 and 2 Ω loads (1 W)
•
CD/Diag pin (3 selectable CD thresholds)
•
Synchronization output pin (only with TDM input stream, on I2Sdata2)
•
Channel independent Mute/Play/Gain selection/Diagnostic
•
Real Time current monitor
•
Open Load in play
•
Battery load dump compatible (40 V)
Product status link
HFDA801A
Product summary
Order code
Package
Packing
HFDA801A-
VYY
LQFP64
(exp. pad
up)
Tray
HFDA801A-
VYT
Tape&Reel
4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality,
advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
HFDA801A
Data brief
DB4402 - Rev 1 - January 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - HFDA801A

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
RMT Ltd.
HFD02-040-04L04 RMT-HFD02-040-04L04 Datasheet
1Mb / 5P
Thermoelectric Solutions
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
Thermoelectric Solutions
HFD04-059-05L08 RMT-HFD04-059-05L08 Datasheet
1Mb / 5P
Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
Thermoelectric Solutions
More results

Similar Description - HFDA801A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com