Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFDA801A Datasheet(PDF) 2 Page - STMicroelectronics

Part # HFDA801A
Description  4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HFDA801A Datasheet(HTML) 2 Page - STMicroelectronics

  HFDA801A Datasheet HTML 1Page - STMicroelectronics HFDA801A Datasheet HTML 2Page - STMicroelectronics HFDA801A Datasheet HTML 3Page - STMicroelectronics HFDA801A Datasheet HTML 4Page - STMicroelectronics HFDA801A Datasheet HTML 5Page - STMicroelectronics HFDA801A Datasheet HTML 6Page - STMicroelectronics HFDA801A Datasheet HTML 7Page - STMicroelectronics HFDA801A Datasheet HTML 8Page - STMicroelectronics HFDA801A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
•
Immune to pop/tick noise at turn on /off, battery variations (inside the operative
range), during diagnostic
•
EMI compliance evaluated according to CISPR25
•
Legacy (no I2C mode)
•
Integrated short circuit protections
•
ESD integrated protections (2 kV HBM, 500 V / 750 V corner CDM)
•
LQFP64 exposed pad up package
Description
HFDA801A is the new ST class-D audio amplifier, specifically designed for
automotive applications in the latest BCD technology. The HFDA801A integrates
a 24-bits 120 dB DAC conversion, and features 2 MHz switching PWM class D
output stage. This configuration enables the design of a compact and inexpensive
application, reaching at the same time outstanding level of audio performances.
HFDA801A supports wide band applications (80 kHz), with extremely low level of
noise and low THD. Moreover it features the most complete diagnostic matrix,
including full diagnostic in play to support the most demanding OEM requirements
in terms of speaker control and system robustness/ reliability. HFDA801A supports
start stop cranking down to 4.5 V (5 V at turn on) and it is housed in a very compact
and thin LQFP 10x10 package. Thus the HFDA801A is suitable for any level of
automotive application.
HFDA801A
DB4402 - Rev 1
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com