Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFDA801A Datasheet(PDF) 5 Page - STMicroelectronics

Part # HFDA801A
Description  4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HFDA801A Datasheet(HTML) 5 Page - STMicroelectronics

  HFDA801A Datasheet HTML 1Page - STMicroelectronics HFDA801A Datasheet HTML 2Page - STMicroelectronics HFDA801A Datasheet HTML 3Page - STMicroelectronics HFDA801A Datasheet HTML 4Page - STMicroelectronics HFDA801A Datasheet HTML 5Page - STMicroelectronics HFDA801A Datasheet HTML 6Page - STMicroelectronics HFDA801A Datasheet HTML 7Page - STMicroelectronics HFDA801A Datasheet HTML 8Page - STMicroelectronics HFDA801A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
#
Pin
Function
12
OUT1-
Channel 1, half bridge minus, Output
13
GND1-
Channel 1, half bridge minus, Power Ground
14
GND1+
Channel 1, half bridge plus, Power Ground
15
OUT1+
Channel 1, half bridge plus, Output
16
OUT1+
Channel 1, half bridge plus, Output
17
VCC1+
Channel 1, half bridge plus, Power Supply
18
FB1+
Channel 1, half bridge plus, Feedback
19
Enable
Enable pin
20
ADDSel
Address selection pin, input
21
DGnd
Digital ground
22
SRGnd
Power management ground 1
23
DVdd
Digital Power Supply
24
L1
Power management inductor side1
25
L2
Power management inductor side2
26
LSGnd
Power management ground 2
27
V5V
Internal 5V supply
28
D1V8SVR
Positive digital supply V(SVR)+0.9 V (Internally generated)
29
DGSVR
Negative digital supply V(SVR)-0.9 V (Internally generated)
30
Vboost
Internal boost supply
31
FB3+
Channel 3, half bridge plus, Feedback
32
VCC3+
Channel 1, half bridge plus, Power Supply
33
OUT3+
Channel 3, half bridge plus, Output
34
OUT3+
Channel 3, half bridge plus, Output
35
GND3+
Channel 3, half bridge plus, Power Ground
36
GND3-
Channel 3, half bridge minus, Power Ground
37
OUT3-
Channel 3, half bridge minus, Output
38
OUT3-
Channel 3, half bridge minus, Output
39
FB3-
Channel 3, half bridge minus, Feedback
40
VCC3-
Channel 3, half bridge minus, Power Supply
41
VCC4-
Channel 4, half bridge minus, Power Supply
42
FB4-
Channel 4, half bridge minus, Feedback
43
OUT4-
Channel 4, half bridge minus, Output
44
OUT4-
Channel 4, half bridge minus, Output
45
GND4-
Channel 4, half bridge minus, Power Ground
46
GND4+
Channel 4, half bridge plus, Power Ground
47
OUT4+
Channel 4, half bridge plus, Output
48
OUT4+
Channel 4, half bridge plus, Output
49
VCC4+
Channel 4, half bridge plus, Power Supply
50
FB4+
Channel 4, half bridge plus, Feedback
51
CD/Diag
Clipping detector and diagnostic output pin
52
I2CClk
I2C Clock
HFDA801A
Block diagram and pins description
DB4402 - Rev 1
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com