Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3031 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3USB3031
Description  6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3031 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3USB3031_V01 Datasheet HTML 1Page - Diodes Incorporated PI3USB3031_V01 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
PI3USB3031
Typical Application
May 2025
Ordering Information
Orderable Part Numbers
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
PI3USB3031ZNEX
Standard
W-QFN1818-12 (ZN12)
MSL-1
3,000
7” Tape & Reel
PI3USB3031XUAEX
Standard
X2-QFN1616-12 (XUA12)
MSL-1
3,500
7” Tape & Reel
Part
Number
Configuration
Rail
To
Rail
Operating
Voltage
-3dB
Bandwidth
Isolation
(@240MHz)
USB
Channel
Crosstalk
(@240MHz)
Packages
V
GHz
dB
dB
PI3USB3031
Differential
1:3 Mux/Demux
Yes
1.8 to 5.5
6.5
-38
-45
W-QFN1818-12 (ZN12),
X2-QFN1616-12 (XUA12)
Product Portfolio
USB1+
USB1-
PI3USB3031
USB2+
USB2-
D+
D-
MHL+
GND
MHL-
SEL1
SEL2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com