Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3031 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3USB3031
Description  6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3031 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3USB3031_V01 Datasheet HTML 1Page - Diodes Incorporated PI3USB3031_V01 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The PI3USB3031, with its high bandwidth and low
propagation delays, supports the multiplexing of one
USB 2.0 input to three USB 2.0 signals.
The PI3USB3031 is a double-pole-triple-
throw multiplexer/demultiplexer supporting
differential dual- and single-ended channel
switching in high-performance PC and
smartphone applications.
With its 6.5GHz bandwidth and low 50ps
propagation delay, the PI3USB3031
ensures excellent signal integrity with full
eye diagram opening. It passes USB 2.0,
MHL (Mobile High-Definition Link), and
Mobility DisplayPort (MyDP) differential
signals. It also supports 2-channel, 1:3 mux
functions for single-ended signal
applications.
The PI3USB3031 boasts a low 28μA current
consumption, a wide supply voltage range
of 1.8V to 5.5V, and supports 1.8V logic on
control pins.
In power-down mode, it minimizes its
leakage current and disconnects the data
channels. The I/O pins can withstand
Overvoltage Tolerance (OVT) of up to 5.5V
without external components. This enables
the PI3USB3031 to provide a robust USB
2.0 port solution.
The PI3USB3031 is available in the tiny
W-QFN1818-12 and X2-QFN1616-12
packages.
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for
USB 2.0 and MHL Switching in Portable Applications
PI3USB3031
▪ Wide 6.5GHz Bandwidth
Reduces high signal frequency attenuation of USB 2.0 and
MHL signals, maintaining excellent signal integrity and
maximizing eye diagram
▪ Double-Pole-Triple-Throw Multiplexer/Demultiplexer
Provides cost effective 3:1 multiplexing of USB 2.0 paths or
two single-ended channels
▪ Low On-Capacitance
Reduces signal delay and distortion when high-frequency
signals pass through a switch or multiplexer
▪ Low 28μA Current Consumption
Enables low battery current draw in portable systems
▪ Power-Off State with Minimal Leakage Current
Improves reliability and provides a safe solution for circuit
design needs
Applications
▪ Smartphones
▪ USB-C® applications
▪ Tablets
▪ PCs
▪ Servers
▪ Networking systems
May 2025
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - PI3USB3031_V01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3031XUAEX DIODES-PI3USB3031XUAEX Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
PI3USB3031ZNEX DIODES-PI3USB3031ZNEX Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
More results

Similar Description - PI3USB3031_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
NX3DV42 NXP-NX3DV42 Datasheet
792Kb / 16P
Dual high-speed USB 2.0 double-pole double-throw analog
Rev. 1-3 January 2012
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
NXP Semiconductors
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
NX3DV42 PHILIPS-NX3DV42_15 Datasheet
812Kb / 19P
Dual high-speed USB 2.0 double-pole double-throw analog switch
Rev. 3-13 February 2013
logo
Nexperia B.V. All right...
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
Triple single-pole double-throw analog switch
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com