Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABF Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ABF
Description  AIR-BEARING FILTRAION KIT ABF SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ABF Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ABF Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ABF Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.aerotech.com
— PRODUCT HIGHLIGHTS —
Cleans and conditions compressed air used to supply
air-bearing mechanics
Compatible with all Aerotech air-bearing stages – both
linear and rotary
Optional low pressure switch helps protect air-bearing
mechanics in the event of air pressure loss
Left- or right-hand air inlet options along with a
convenient two-point angle bracket mount increases
accessibility
AIR-BEARING FILTRATION KIT
ABF SERIES
112
B
A
157
50
4X M6 HARDWARE INCLUDED
MOUNTING HOLE THREAD
DEPTH
≥ 10MM
91
A
-OT1-X OPTION
C
-OT2 OPTION
DIMENSIONS: MILLIMETERS
NOTE:
1. -IN1 ORIENTATION OPTION SHOWN. -IN2 OPTION
IS SIMILAR BUT MIRRORED LEFT TO RIGHT AND
FLOW DIRECTION IS REVERSED
2. LAST "-X" IN PART NUMBER INDICATES AN ABF
WITH THE PRESSURE SWITCH OPTION
FLOW
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
MCN18049
A
UPDATED OPTION CODES. ADDED 3RD ANGLE
PROJECTION SYMBOL.
5-JAN-2017
DDULL
CONFIGURATION SPECIFIC DIMENSIONS
A (MM)
B (MM)
C (MM)
-FL1-IN1-OT2-X
726
449
94
-FL1-IN1-OT2
667
449
94
-FL1-IN1-OT1-X
702
449
94
-FL1-IN1-OT1
702
449
94
-FL2-IN1-OT2-X
803
525
117
-FL2-IN1-OT2
744
525
117
-FL2-IN1-OT1-X
761
525
117
-FL2-IN1-OT1
702
525
117
SISRAEL
MODEL BY:
MODEL FILENAME:
ABF-CAT
A
ABF
PART CODE:
ABF-CAT
PART NAME:
DWG. NO.
REV
ABF Air Bearing Filtration Kit
SHEET 1 OF 1
10-AUG-09
DATE
EGLASER
DRAW
SISRAEL
SISRAEL
NAME
CHECK
APPR.
10-AUG-09
10-AUG-09
ABF Series
Dimensions


Similar Part No. - ABF

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
ABF KEYSIGHT-ABF Datasheet
3Mb / 26P
U2000 Series USB Power Sensors
March 23, 2016
logo
Melexis Microelectronic...
ABF-020 MELEXIS-ABF-020 Datasheet
1Mb / 37P
MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
ABF-025 MELEXIS-ABF-025 Datasheet
1Mb / 37P
MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04 Datasheet
276Kb / 3P
AC/DC Power Module 4W Ultra-compact Dimensions
ABF-04D12 MINMAX-ABF-04D12 Datasheet
276Kb / 3P
AC/DC Power Module 4W Ultra-compact Dimensions
More results

Similar Description - ABF

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
List of Unclassifed Man...
B6025L ETC2-B6025L Datasheet
375Kb / 1P
ball bearing or fluid dynamic bearing
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
Ball bearing
logo
Festo Corporation.
1354281 FESTO-1354281 Datasheet
78Kb / 1P
Counter bearing
1354283 FESTO-1354283 Datasheet
78Kb / 1P
Counter bearing
1354284 FESTO-1354284 Datasheet
82Kb / 1P
Counter bearing
1354285 FESTO-1354285 Datasheet
83Kb / 1P
Counter bearing
2598638 FESTO-2598638 Datasheet
77Kb / 1P
Counter bearing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com