Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABF Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ABF
Description  AIR-BEARING FILTRAION KIT ABF SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ABF Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ABF Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ABF Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.aerotech.com
AIR-BEARING FILTRATION KIT | ABF SERIES
ABF Series
Ordering Information
Flow Rate (Required)
-FL1
Flow rate up to 23.9 SLPM
-FL2
Flow rate up to 168.3 SLPM
Inlet Side (Required)
-IN1
Left side inlet
-IN2
Right side inlet
Fitting Type (Required)
-OT1
English one-touch fitting
-OT2
Metric one-touch fitting
Pressure Switch (Required)
-PC1
Pressure switch with 26-pin high density D connector
-PC2
Pressure switch with flying leads
-PC3
Pressure switch for ML/MP drive with flying leads
-PC4
Pressure switch for Npaq MR/Epaq MR
-PC5
Pressure switch for Npaq
-PC6
Pressure Switch for Automation1-XR3/iXR3
-PC7
Pressure Switch for Automation1-iXC2/XC2/iXC2e/XC2e/iXL2e/XL2e
Cable Length (Required)
-xx
Cable length for pressure switch in dm (1 meter = 10 dm)
Minimum length = 10 dm, maximum length = 50 dm
Breakout Block (Optional)
-BB1
15-pin D breakout block, 7.6 dm of cable
-BB2
25-pin D breakout block, 9.1 dm of cable
-BB3
26-pin HD breakout block, 7.6 dm of cable
Power Supply (Optional)
-PS1
Power supply assembly, 24 VDC 3.2 amp
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully operational as quickly as
possible. The following standard integration options are available for this system. Please consult Aerotech if you are unsure
what level of integration is required, or if you desire custom integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that will
be used together (ex: drive, controller, and stage). This includes parameter file generation, system
tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This is
typically used for spare parts, replacement parts, or items that will not be used together. These
components may or may not be part of a larger system.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com