Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS200LP Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ACS200LP
Description  Direct-Drive Rotary Collet Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ACS200LP Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ACS200LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ACS200LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ACS200LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ACS200LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ACS200LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ACS200LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ACS200LP Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Workholding in a
Compact Design
ACS-LP rotary stages are equipped with an integral pneumatic
ER collet chuck and clear aperture for automated material
handling of a wide range of workpiece material types, diameters
and applications. Available with ER8, ER25 or ER40 series
collets, ACS-LP stages offer a combination of high speed,
excellent velocity stability, low runout and a compact form factor.
This makes the ACS-LP an excellent choice for simple, convenient
integration into tube-processing motion platforms and systems.
Key Applications
ACS-LP stages are ideal for applications that require precisely
holding and rotating a cylindrical workpiece, including:
‹
Medical device manufacturing
‹
Tubular material processing
‹
Stent, hypotube & guidewire cutting
‹
Sensor testing & inspection
‹
Laser cutting & laser micromachining
‹
Laser welding & joining
‹
Tube inspection & measurement
KEY FEATURES:
Direct-Drive
Rotary Collet Stage
ACS-LP
‹
Provides AUTOMATED MATERIAL
HANDLING capability through integral
pneumatic ER collet chuck
‹
Features a clear aperture for CONVENIENT
WORKPIECE FEED-THROUGH
‹
Supports EXTENSIVE TUBE DIAMETER
RANGE from 0.2 mm to 25 mm
‹
Minimizes working height & SIMPLIFIES
INTEGRATION with low-profile design
‹
Offers EXCELLENT VELOCITY STABILITY
with brushless, cogless direct drive motor &
high resolution encoder
‹
Results in HIGH PROCESS THROUGHPUT &
LOW TOTAL COST of ownership


Similar Part No. - ACS200LP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS20D INTERSIL-ACS20D Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20DMSR INTERSIL-ACS20DMSR Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20HMSR INTERSIL-ACS20HMSR Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20K INTERSIL-ACS20K Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20KMSR INTERSIL-ACS20KMSR Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
More results

Similar Description - ACS200LP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
SONiX Technology Compan...
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
List of Unclassifed Man...
450-CK1532 ETC2-450-CK1532 Datasheet
92Kb / 1P
Collet Knobs
logo
Schneider Electric
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
CB DIRECT MOUNTED ROTARY HANDLE
Apr 19, 2021
logo
Festo Corporation.
8087819 FESTO-8087819 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087820 FESTO-8087820 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087821 FESTO-8087821 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
8087822 FESTO-8087822 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
logo
New Scale Technologies,...
M3-RS-U2-4.5-360 NEWSCALE-M3-RS-U2-4.5-360 Datasheet
282Kb / 2P
Rotary Smart Stage
1-6-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com