Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4054B Datasheet(PDF) 10 Page - STMicroelectronics

Part # HCF4054B
Description  LIQUID-CRYSTAL DISPLAY DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4054B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HCF4054B Datasheet HTML 6Page - STMicroelectronics HCF4054B Datasheet HTML 7Page - STMicroelectronics HCF4054B Datasheet HTML 8Page - STMicroelectronics HCF4054B Datasheet HTML 9Page - STMicroelectronics HCF4054B Datasheet HTML 10Page - STMicroelectronics HCF4054B Datasheet HTML 11Page - STMicroelectronics HCF4054B Datasheet HTML 12Page - STMicroelectronics HCF4054B Datasheet HTML 13Page - STMicroelectronics HCF4054B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TYPICAL APLLICATIONS (continued)
Figure 14 : Typical 3 1/2 – Digit–crystal Display : (VDD =+5V, VSS = 0V, VEE = – 10V, DFN = 30 Hz square).
In addition to the letters L, H, P, and A, five other let-
ters can be displayed through the use of simple
logic
circuits
preceding
and
following
the
HCC/HCF4055B or
HCC/HCF4056B
devices.
Fig. 13 is an example of a circuit that converts an ”H”
display, (code 1011) to an ”F” display. One condition
that must be met is that VEE =VSS.If VEE
≠ VSS,the
HCC/HCF4054B must be used to level shift in the
appropriate places. In a similar manner the letters C,
E, J,and U can be displayed. These circuits can also
be used to drive LED displays provided the exclu-
sive-OR gates have sufficient output-current drive.
The letters B, D, G, I, O, and S may be represented
by the codes for numbers 8, 0, 6, 1, 0, and 5, respec-
tively, when there is preknowledge that only letters
are to be displayed.
HCC/HCF4054B/55B/56B
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com