Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4054B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4054B
Description  LIQUID-CRYSTAL DISPLAY DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4054B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4054B Datasheet HTML 1Page - STMicroelectronics HCF4054B Datasheet HTML 2Page - STMicroelectronics HCF4054B Datasheet HTML 3Page - STMicroelectronics HCF4054B Datasheet HTML 4Page - STMicroelectronics HCF4054B Datasheet HTML 5Page - STMicroelectronics HCF4054B Datasheet HTML 6Page - STMicroelectronics HCF4054B Datasheet HTML 7Page - STMicroelectronics HCF4054B Datasheet HTML 8Page - STMicroelectronics HCF4054B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PIN CONNECTIONS
4054B
4055B
4056B
as L, P, H, A,– , and a blank position. (see typical ap-
plication for other letters). The HCC/HCF4054B pro-
vides level shifting similar to the HCC/HCF4055B
and HCC/HCF4056B independently strobed latches,
and common DF control on 4 signal lines. The
HCC/HCF4054B is intended to provide drive-signal
compatibility
with
the
HCC/HCF4055B
and
HCC/HCF4056B 7-segment decoder types for the
decimal point, colon, polarity, and similar display lines.
A level-shifted high-amplitude DF output can be ob-
tained from any HCC/HCF4054B output line by con-
necting the corresponding input and strobe lines to
a
low
and
high
level,
respectively.
The
HCC/HCF4054B may also be utilized for logic-level
”up conversion” or ”down conversion”. Forexample,
input-signal swings (VDD to VSS) from + 5 to 0V can
be converted to output-signal swings (VDD to VEE)of
+ 5 to – 5V. The level-shifted function on all three
types permits the use of different input-and output-
signal swings. The input swings from a low level of
VSS to a high level of VDD while the output swings
from a low level of VEE to the same high level of VDD.
Thus, the input and output swings can be selected
independently of each other over a 3-to-18V range.
VSS may be connected to VEE when no level-shift
function is required. For the HCC/HCF 4054B and
HCC/HCF 4056B, data are transferred from input to
output by placing a high voltage level at the strobe
input. A low voltage level at the strobe input latches
the data input and the corresponding output seg-
ments remain selected (or non-selected) while the
strobe is low. Whenever the level-shifting function
is required, the HCC/HCF4055B can be used by it-
self to drive a liquid-crystal display (fig. 10 and fig.
12). The HCC/HCF4056B, however, must be used
together with a HCC/HCF4054B to provide the com-
mon DF output (fig. 14). The capability of extending
the voltage swing on the negative end (this voltage
cannot be extended on the positive end) can be
used to advantage in the set-up of fig. 11. Fig. 9 is
common to all three types.
HCC/HCF4054B/55B/56B
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com