Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232-234 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP232-234
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232-234 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP232-234 Datasheet HTML 3Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 4Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 5Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 6Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 7Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 8Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 9Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 10Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Rev. C 06/15
7
TOP232-234
www.power.com
Figure 7. Synchronization Timing Diagram.
allow extended input voltage operating range. Input voltage is
not checked again until the power supply loses regulation and
attempts another turn-on. This is accomplished by enabling
the UV comparator only when the divide-by-8 counter used in
auto-restart reaches full count (S7) which is also the state that
the counter is reset to at power up (see Figure 5). The UV
feature can be disabled independent of OV feature as shown
in Figure 16.
Line Overvoltage Shutdown (OV)
The same resistor used for UV also sets an overvoltage
threshold which, once exceeded, will force TOPSwitch-FX
output into off-state. The ratio of OV and UV thresholds is
preset at 4.5 as can be seen in Figure 8. This feature turns off
the TOPSwitch-FX power MOSFET when the rectified DC
high-voltage exceeds the OV threshold. When the MOSFET is
off, the rectified DC high-voltage surge capability is increased
to the voltage rating of the MOSFET (700 V), due to the
absence of the reflected voltage and leakage spikes on the
drain. Small amount of hysteresis is provided on the OV
threshold to prevent noise triggering. The OV feature can be
disabled independent of UV feature as shown in Figure 15.
Line Feed-Forward with DC
MAX Reduction
The same resistor used for UV and OV also implements line
voltage feed-forward which minimizes output line ripple and
reduces power supply output sensitivity to line transients. This
feed-forward operation is illustrated in Figure 4 by the different
values of I
M. Note that for the same CONTROL pin current,
higher line voltage results in smaller operating duty cycle. As
an added safety measure, the maximum duty cycle DC
MAX is
also reduced from 78% (typical) at a voltage slightly higher
than the UV threshold to 38% (typical) at the OV threshold (see
Figures 4, 8). DC
MAX of 38% at the OV threshold was chosen
to ensure that the power capability of the TOPSwitch-FX is not
restricted by this feature under normal operation.
Remote ON/OFF and Synchronization
TOPSwitch-FX can be turned on or off by controlling the
current into or out from the MULTI-FUNCTION pin (see Figure
8). This allows easy implementation of remote ON/OFF control
of TOPSwitch-FX in several different ways. A transistor or an
optocoupler output connected between the MULTI-FUNCTION
pin and the SOURCE pin implements this function with
“active-on” (Figure 19) while a transistor or an optocoupler
output connected between the MULTI-FUNCTION pin and the
CONTROL pin implements the function with “active-off”
(Figure 20).
When a signal is received at the MULTI-FUNCTION pin to
disable the output through any of the MULTI-FUNCTION pin
functions such as OV, UV and remote ON/OFF, TOPSwitch-FX
always completes its current switching cycle as illustrated in
Figure 7 before the output is forced off. The internal oscillator
is stopped slightly before the end of the current cycle and
stays there as long as the disable signal exists. When the
signal at the MULTI-FUNCTION pin changes state from disable
to enable, the internal oscillator starts the next switching cycle.
This approach allows the use of this pin to synchronize
TOPSwitch-FX to any external signal with a frequency lower
than its internal switching frequency.
As seen above, the remote ON/OFF feature allows the
TOPSwitch-FX to be turned on and off instantly, on a cycle-by-
cycle basis, with very little delay. However, remote ON/OFF
can also be used as a standby or power switch to turn off the
TOPSwitch-FX and keep it in a very low power consumption
state for indefinitely long periods. If the TOPSwitch-FX is held
in remote off state for long enough time to allow the CONTROL
pin to dishcharge to the internal supply undervoltage threshold
of 4.8 V (approximately 32 ms for a 47 µF CONTROL pin
capacitance), the CONTROL pin goes into the hysteretic mode
of regulation. In this mode, the CONTROL pin goes through
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com