Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232-234 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TOP232-234
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232-234 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TOP232-234 Datasheet HTML 17Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 18Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 19Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 20Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 21Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 22Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 23Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 24Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Rev. C 06/15
21
TOP232-234
www.power.com
Output Diode
The output diode is selected for peak inverse voltage, output
current, and thermal conditions in the application (including
heat sinking, air circulation, etc.). The higher DC
MAX of
TOPSwitch-FX along with an appropriate transformer turns
ratio can allow the use of a 60 V Schoktty diode for higher
efficiency on output voltages as high as 15 V (See Figure 24.
A 12 V, 30 W design using a 60 V Schottky for the output
diode).
Soft-Start
Generally a power supply experiences maximum stress at
start-up before the feedback loop achieves regulation. For a
period of 10 ms the on-chip soft-start linearly increases the
duty cycle from zero to the default DC
MAX at turn on, which
causes the primary current and output voltage to rise in an
orderly manner allowing time for the feedback loop to take
control of the duty cycle. This reduces the stress on the
TOPSwitch-FX MOSFET, clamp circuit and output diode(s),
and helps prevent transformer saturation during start-up. Also,
soft-start limits the amount of output voltage overshoot, and in
many applications eliminates the need for a soft-finish
capacitor.
EMI
The frequency jitter feature modulates the switching frequency
over a narrow band as a means to reduce conducted EMI
peaks associated with the harmonics of the fundamental
switching frequency. This is particularly beneficial for average
detection mode. As can be seen in Figure 28, the benefits of
jitter increase with the order of the switching harmonic due to
an increase in frequency deviation.
The FREQUENCY pin of TOPSwitch-FX offers a switching
frequency option of 132 kHz or 66 kHz. In applications that
require heavy snubbers on the drain node for reducing high
frequency radiated noise (for example, video noise sensitive
applications such as VCR, DVD, monitor, TV, etc.), operating at
66 kHz will reduce snubber loss resulting in better efficiency.
Also, in applications where transformer size is not a concern,
use of the 66 kHz option will provide lower EMI and higher
efficiency. Note that the second harmonic of 66 kHz is still
below 150 kHz, above which the conducted EMI specifications
get much tighter.
For 10 W or below, it is possible to use a simple inductor in
place of a more costly AC input common mode choke to meet
worldwide conducted EMI limits.
Transformer Design
It is recommended that the transformer be designed for
maximum operating flux density of 3000 gauss and a peak
flux density of 4200 gauss at maximum current limit. The
turns ratio should be chosen for a reflected voltage (V
OR) no
greater than 135 V when
Switching Harmonic
Quasi-Peak
Average
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
VFG243B (QP)
VF646B (AV)
TOPSwitch-II (no jitter)
VFG243B (QP)
VF646B (AV)
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
TOPSwitch-FX (with jitter)
(a)
(b)
(c)
Figure 28. (a) Conducted Noise Improvement for Low Frequency
Harmonics due to Jitter, (b) TOPSwitch-II Full Range EMI Scan
(100 kHz, no Jitter), (c) TOPSwitch-FX Full Range EMI Scan
(132 kHz, with Jitter) with Identical Circuitry and Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com