Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232Y Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TOP232Y
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232Y Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TOP232Y Datasheet HTML 1Page - Power Integrations, Inc. TOP232Y Datasheet HTML 2Page - Power Integrations, Inc. TOP232Y Datasheet HTML 3Page - Power Integrations, Inc. TOP232Y Datasheet HTML 4Page - Power Integrations, Inc. TOP232Y Datasheet HTML 5Page - Power Integrations, Inc. TOP232Y Datasheet HTML 6Page - Power Integrations, Inc. TOP232Y Datasheet HTML 7Page - Power Integrations, Inc. TOP232Y Datasheet HTML 8Page - Power Integrations, Inc. TOP232Y Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Rev. C 06/15
4
TOP232-234
www.power.com
TOPSwitch-FX Family Functional Description
Figure 4. Relationship of Duty Cycle to CONTROL Pin Current.
PI-2504-072799
I
C (mA)
I
M = 140 µA
I
M = 190 µA
I
M < IM(DC)
1.9
1.5
5.5 5.9
Slope = PWM Gain
I
CD1
I
B
Auto-restart
78
1.5
47
Like TOPSwitch, TOPSwitch-FX is an integrated switched
mode power supply chip that converts a current at the control
input to a duty cycle at the open drain output of a high-voltage
power MOSFET. During normal operation the duty cycle of the
power MOSFET decreases linearly with increasing CONTROL
pin current as shown in Figure 4.
In addition to the three terminal TOPSwitch features, such as
the high-voltage start-up, the cycle-by-cycle current limiting,
loop compensation circuitry, auto-restart, thermal shutdown,
etc., the TOPSwitch-FX incorporates many additional functions
that reduce system cost, increase power supply performance
and design flexibility. A patented high-voltage CMOS
technology allows both the high-voltage power MOSFET and
all the low voltage control circuitry to be cost effectively
integrated onto a single monolithic chip.
Two terminals, FREQUENCY (available only in Y package) and
MULTI-FUNCTION, have been added to implement some of
the new functions. These terminals can be connected to the
SOURCE pin to operate the TOPSwitch-FX in a TOPSwitch-
like three terminal mode. However, even in this three terminal
mode, the TOPSwitch-FX offers many new transparent
features that do not require any external components:
1. A fully integrated 10 ms soft-start reduces peak currents
and voltages during start-up and practically eliminates
output overshoot in most applications.
2. DC
MAX of 78% allows smaller input storage capacitor, lower
input voltage requirement and/or higher power capability.
3. Cycle skipping at minimum pulse width achieves regulation
and very low power consumption at no load.
4. Higher switching frequency of 132 kHz reduces the
transformer size with no noticeable impact on EMI or on
high line efficiency.
5. Frequency jittering reduces EMI.
6. Hysteretic over-temperature shutdown ensures automatic
recovery from thermal fault. Large hysteresis prevents circuit
board overheating.
7. Packages with omitted pins and lead forming provide large
DRAIN creepage distance.
8. Tighter absolute tolerances and smaller temperature vari-
ations on switching frequency, current limit and PWM gain.
The MULTI-FUNCTION pin is usually used for line sensing by
connecting a resistor from this pin to the rectified DC high-
voltage bus to implement line over-voltage (OV)/under-voltage
(UV) and line feed-forward with DC
MAX reduction. In this mode,
the value of the resistor determines the OV/UV thresholds and
the DC
MAX is reduced linearly starting from a line voltage above
the under-voltage threshold. In high efficiency applications, this
pin can be used in the external current limit mode instead, to
reduce the current limit externally (to a value close to the
operating peak current), by connecting the pin to SOURCE
through a resistor. The same pin can also be used as a
remote ON/OFF and a synchronization input in both modes.
The FREQUENCY pin in the TO-220 package sets the
switching frequency to the default value of 132 kHz when
connected to SOURCE pin. A half frequency option can be
chosen by connecting this pin to CONTROL pin instead.
Leaving this pin open is not recommended.
CONTROL (C) Pin Operation
The CONTROL pin is a low impedance node that is capable of
receiving a combined supply and feedback current. During
normal operation, a shunt regulator is used to separate the
feedback signal from the supply current. CONTROL pin
voltage V
C is the supply voltage for the control circuitry
including the MOSFET gate driver. An external bypass
capacitor closely connected between the CONTROL and
SOURCE pins is required to supply the instantaneous gate
drive current. The total amount of capacitance connected to
this pin also sets the auto-restart timing as well as control loop
compensation.
When rectified DC high-voltage is applied to the DRAIN pin
during start-up, the MOSFET is initially off, and the CONTROL
pin capacitor is charged through a switched high-voltage
current source connected internally between the DRAIN and
CONTROL pins. When the CONTROL pin voltage V
C reaches
approximately 5.8 V, the control circuitry is activated and the
soft-start begins. The soft-start circuit gradually increases the
duty cycle of the MOSFET from zero to the maximum value
over approximately 10 ms. If no external feedback/supply
current is fed into the CONTROL pin by the end of the
soft-start, the high-voltage current source is turned off and the
CONTROL pin will start discharging in response to the supply
current drawn by the control circuitry. If the power supply is
designed properly, and no fault condition such as open loop or
shorted output exists, the feedback loop will close, providing
external CONTROL pin current, before the CONTROL pin
voltage has had a chance to discharge to the lower threshold
voltage of approximately 4.8 V (internal supply under-voltage
lockout threshold). When the externally fed current charges the
CONTROL pin to the shunt regulator voltage of 5.8 V, current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com