Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232Y Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # TOP232Y
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232Y Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button TOP232Y Datasheet HTML 12Page - Power Integrations, Inc. TOP232Y Datasheet HTML 13Page - Power Integrations, Inc. TOP232Y Datasheet HTML 14Page - Power Integrations, Inc. TOP232Y Datasheet HTML 15Page - Power Integrations, Inc. TOP232Y Datasheet HTML 16Page - Power Integrations, Inc. TOP232Y Datasheet HTML 17Page - Power Integrations, Inc. TOP232Y Datasheet HTML 18Page - Power Integrations, Inc. TOP232Y Datasheet HTML 19Page - Power Integrations, Inc. TOP232Y Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Rev. C 06/15
16
TOP232-234
www.power.com
17 W PC Standby Power Supply
Figure 26 shows a 17 W PC standby application with 3.3 V
and 5 V secondary outputs and a 15 V primary output. The
supply uses the TOP232 operating from 230 VAC or 100/
115 VAC with doubler input. This design takes advantage of
the soft-start, line under-voltage detect, tighter current limit
variation and higher switching frequency features of
TOPSwitch-FX. For example, the higher switching frequency
with tighter current limit variation allows use of an EE19
transformer core. Furthermore, the spacing between high-
voltage DRAIN pin and low voltage pins of the TOPSwitch-FX
packages provides large creepage distance which is a
significant advantage in high pollution environments such as
fan cooled PC power supplies.
Capacitor C1 provides high frequency decoupling of the
high-voltage DC supply, and is necessary only if there is a long
trace length from the source of the DC supply to the inputs of
this standby circuit. The line sense resistor R1 senses the DC
input voltage for line undervoltage. When AC is turned off, the
under-voltage detect feature of the TOPSwitch-FX prevents
auto-restart glitches at the output caused by the slow
discharge of large storage capacitance in the main converter.
This is achieved by turning the power supply off when the
input voltage goes below a level needed to maintain output
regulation and keeping it off until the input voltage goes above
the under-voltage threshold (V
UV), when the AC is turned on
again. The under voltage threshold is set at 200 VDC, slightly
below the required lowest operating DC input voltage, for
start-up at 170 VAC. This feature saves several components
needed to implement the glitch free turn off with discrete or
TOPSwitch-II based designs.
The bias winding is rectified and filtered by D2 and C6 to
create a bias voltage for the TOP232 and to provide a 15 V
primary bias output voltage for the main power supply primary
control circuitry. Both 3.3 V and 5 V output voltages are
sensed by R9, R10 and R11 using a TL431 (U3) circuit shown.
Resistor R6 limits current through optocoupler U2 and sets
overall AC control loop gain. Resistor R7 assures that there is
sufficient bias current for the TL431 when the optocoupler is at
a minimum current. Capacitor C8 provides a soft-finish
function to eliminate turn-on overshoot. The no load regulation
(cycle-skipping) of TOPSwitch-FX permits the circuit to meet
the low standby power requirement of the Blue Angel
specification for PCs.
Figure 26. 17 W PC Standby Supply.
3.3 V
@ 2 A
200 - 375
VDC
D2
BAV21
T1
C8
10
µF
35 V
C11
100
µF
10 V
C5
47
µF
U2
SFH615-2
U3
TL431CLP
C7
0.1
µF
R6
301
Ω
R9
16.2 k
Ω
D1
UF4005
VR1
BZY97C-
200
U1
TOP232Y
D
M
S
F
C
TOPSwitch-FX
R7
510
Ω
C1
0.01
µF
1 kV
(optional)
(Primary
Referenced)
C6
35 V
D4
SB540
D3
SB540
5 V
@ 2 A
C12
1000
µF
10 V
C10
1000
µF
10 V
CY1
1 nF
+
–
PI-2537-062515
RTN
15 V
@ 30 mA
R5
6.8
Ω
R1
3.9 M
Ω
L2
3.3
µH
L1
3.3
µH
R10
12.1 k
Ω
R11
10 k
Ω
C13
100
µF
10 V
CONTROL
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com