Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALAR250XP-M2 Datasheet(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ALAR250XP-M2
Description  Large Aperture Rotary Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ALAR250XP-M2 Datasheet(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ALAR250XP-M2 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
aerotech.com
ALAR-XP ORDERING INFORMATION
ALAR-XP Mechanical-Bearing, Direct-Drive Rotary Stage
ALAR250XP
Mechanical-bearing, direct-drive rotary stage, high torque, 250 mm aperture
ALAR325XP
Mechanical-bearing, direct-drive rotary stage, high torque, 325 mm aperture
Motor (Required)
-M1
Standard motor
-M2
High-power motor
Travel (Required)
-
Continuous travel
-TR010
Limited travel, ± 5 degrees
-TR020
Limited travel, ± 10 degrees
-TR030
Limited travel, ± 15 degrees
-TR060
Limited travel, ± 30 degrees
-TR090
Limited travel, ± 45 degrees
-TR120
Limited travel, ± 60 degrees
-TR180
Limited travel, ± 90 degrees
-TR240
Limited travel, ± 120 degrees
-TR300
Limited travel, ± 150 degrees
-TR340
Limited travel, ± 170 degrees
Feedback (Required)
-E1
Incremental encoder, 1 Vpp
-E6
Incremental encoder, digital RS422, x200 interpolation
-E7
Absolute encoder
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully
operational as quickly as possible. The following standard integration options are available for this system.
Please consult Aerotech if you are unsure what level of integration is required, or if you desire custom
integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that will
be used together (ex: drive, controller, and stage). This includes parameter file generation, system
tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This is typically
used for spare parts, replacement parts, or items that will not be used together. These components
may or may not be part of a larger system.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com