Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALAR250XP-M2 Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ALAR250XP-M2
Description  Large Aperture Rotary Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ALAR250XP-M2 Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ALAR250XP-M2 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M2 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Maximum Torque & Smooth
Motion for Ultra-Heavy Duty
Applications
The ALAR family of direct-drive, large-aperture rotary
stages provides superior angular positioning and velocity
control. ALAR-XP offers extremely high torque output,
substantial load capacity and smooth, precise rotation.
Featuring a large-diameter clear aperture and a non-
cogging direct-drive motor, ALAR-XP stages offer a
superior alternative to worm-gear stages.
Key Applications
ALAR-XP stages are best suited for applications including:
‹
Single- and multi-axis sensor testing
‹
Inertial navigation device qualification
‹
Missile seeker testing
‹
Antenna testing
‹
Opto-electronics alignment and testing
‹
High-accuracy laser processing
‹
Custom high-capacity gimbal assemblies
KEY FEATURES:
Large Aperture Rotary Stage
ALAR-XP
‹
Delivers EXCEPTIONAL TORQUE OUTPUT up to
1100 N•m to rotate high-inertia payloads with ease
‹
Achieves EXTREMELY PRECISE, SMOOTH,
COG-FREE ROTATION with ironless direct-drive
torque motor
‹
SUPPORTS LARGE PAYLOADS & gimbal
configurations thanks to high axial-, radial- &
moment-load capacities
‹
Available with clear aperture diameters of 250
mm & 325 mm for SIMPLIFIED PROCESS
INTEGRATION
‹
Provides LONG SERVICE LIFE & consistent
performance over time
‹
Available with absolute encoder option & limited
travel for MAXIMUM PAYLOAD SECURITY


Similar Part No. - ALAR250XP-M2

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ALAR250LP AEROTECH-ALAR250LP Datasheet
791Kb / 8P
Large Aperture Rotary Stage
More results

Similar Description - ALAR250XP-M2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B62152 EPCOS-B62152 Datasheet
75Kb / 2P
Double-Aperture Cores
logo
Red Lion Controls. Inc
ZUK0060H REDLION-ZUK0060H Datasheet
468Kb / 2P
MODEL ZUK - LARGE THRU-BORE ROTARY PULSE GENERATORS
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
aperture/gamma correction
logo
Fair-Rite Products Corp...
2843000302 FAIR-RITE-2843000302_18 Datasheet
607Kb / 2P
Multi- Aperture cores
2843002402 FAIR-RITE-2843002402_18 Datasheet
606Kb / 2P
Multi- Aperture cores
2843002702 FAIR-RITE-2843002702_18 Datasheet
607Kb / 2P
Multi- Aperture cores
2843009902 FAIR-RITE-2843009902_18 Datasheet
617Kb / 2P
Multi- Aperture cores
2867002302 FAIR-RITE-2867002302_18 Datasheet
595Kb / 2P
Multi- Aperture cores
2867006802 FAIR-RITE-2867006802_18 Datasheet
601Kb / 2P
Multi- Aperture cores
logo
New Scale Technologies,...
M3-RS-U2-4.5-360 NEWSCALE-M3-RS-U2-4.5-360 Datasheet
282Kb / 2P
Rotary Smart Stage
1-6-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com