Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT130-360-R Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ANT130-360-R
Description  Single-Axis Rotary Direct-Drive Nanopositioning Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ANT130-360-R Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ANT130-360-R Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single-Axis Rotary
Direct-Drive
Nanopositioning Stage
ANT130R
KEY FEATURES:
Miniature rotary stage with
unrivaled precision & speed
ANT130R direct-drive rotary stages provide unprecedented
motion performance, including in-position stability and
minimum incremental motion down to 0.01 arc sec and
below. Plus, with a height of only 40 mm, ANT130R’s ultra-
compact form factor allows for simple integration with other
motion axes and systems. This combination of outstanding
performance and small size helps to mitigate design tradeoffs
without compromise. The direct-drive, ironless motor
facilitates ultra-smooth motion with excellent dynamic
performance, making ANT130R ideal for processes that
require both high throughput and ultra-fine precision.
Key Applications
ANT130R stages are ideal for high-precision and high-
dynamic motion applications, including:
‹
Photonics assembly & inspection
‹
Fiber alignment & optimization
‹
Optics manufacturing, testing & inspection
‹
Sensor testing & qualification
‹
Semiconductor processing & inspection
‹
Research & laboratory applications
‹
Offers BEST-IN-CLASS resolution & in-position
stability
‹
Outstanding ERROR MOTION PERFORMANCE
‹
Ironless, direct-drive motor ELIMINATES
VELOCITY RIPPLE & COGGING EFFECTS
‹
CONTINUOUS- & LIMITED-ROTATION
configurations available
‹
CLEAR APERTURE for cable or hose
feedthrough
‹
Easily combine with other Aerotech ANT-series
stages & more to ACHIEVE HIGHLY PRECISE,
MULTI-AXIS MOTION


Similar Part No. - ANT130-360-R

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ANT130L-035 AEROTECH-ANT130L-035 Datasheet
1Mb / 7P
Single-Axis Linear Nanopositioning Stages
ANT130L-060 AEROTECH-ANT130L-060 Datasheet
1Mb / 7P
Single-Axis Linear Nanopositioning Stages
ANT130L-110 AEROTECH-ANT130L-110 Datasheet
1Mb / 7P
Single-Axis Linear Nanopositioning Stages
ANT130L-160 AEROTECH-ANT130L-160 Datasheet
1Mb / 7P
Single-Axis Linear Nanopositioning Stages
ANT130L-210 AEROTECH-ANT130L-210 Datasheet
1Mb / 7P
Single-Axis Linear Nanopositioning Stages
More results

Similar Description - ANT130-360-R

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
Festo Corporation.
8087819 FESTO-8087819 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087820 FESTO-8087820 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087821 FESTO-8087821 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
8087822 FESTO-8087822 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
logo
Nippon Pulse America, I...
SCR050 NPM-SCR050 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR075 NPM-SCR075 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SCR150 NPM-SCR150 Datasheet
1,015Kb / 2P
Nanopositioning Stage
logo
New Scale Technologies,...
M3-RS-U2-4.5-360 NEWSCALE-M3-RS-U2-4.5-360 Datasheet
282Kb / 2P
Rotary Smart Stage
1-6-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com