Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT130-360-R Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ANT130-360-R
Description  Single-Axis Rotary Direct-Drive Nanopositioning Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ANT130-360-R Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ANT130-360-R Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
aerotech.com
ANT130R SERIES SPECIFICATIONS
Notes:
1. Certified with each stage. Requires the use of an Aerotech controller.
2. Maximum instantaneous speed reported; contact factory for specific requirements.
3. In-Position Jitter listing is 3 sigma value.
4. Axis orientation for on-axis loading is listed.
5. Specifications are per axis, measured 25 mm above the tabletop. Consult factory for multi-axis or non-standard applications.
6. All error motion specifications are measured at 60 rpm.
7. For high speed operation, customer payload must be balanced to G1.0 per ISO 1940.
Mechanical Specifications
ANT130-360-R
ANT130-180-R
ANT130-20-R
Rotation Angle
±360° Continuous
180°
20°
Accuracy(1)
PLUS (-PL2)
3 arc sec
3 arc sec
3 arc sec
Resolution
0.01 arc sec
0.01 arc sec
0.01 arc sec
Repeatability
(Bi-Directional)(1)
Basic
1.5 arc sec
1.5 arc sec
1.5 arc sec
PLUS
1.5 arc sec
1.5 arc sec
1.5 arc sec
Repeatability (Uni-Directional)
0.5 arc sec
0.5 arc sec
0.5 arc sec
Tilt Error Motion
Synchronous
10 arc sec
N/A
N/A
Asynchronous
3 arc sec
N/A
N/A
Axial Error Motion
Synchronous
2 µm
N/A
N/A
Asynchronous
0.5 µm
N/A
N/A
Radial Error
Motion
Synchronous
3 µm
N/A
N/A
Asynchronous
1 µm
N/A
N/A
Maximum Speed(2)
200 rpm
20 rpm
20 rpm
Maximum Acceleration
400 rad/s2
400 rad/s2
400 rad/s2
In-Position Stability(3)
0.005 arc sec
0.005 arc sec
0.005 arc sec
Aperture
11 mm
11 mm
11 mm
Maximum Torque (Continuous)
0.2 Nm
0.2 Nm
0.2 Nm
Load Capacity(4)
Axial
3.0 kg
3.0 kg
3.0 kg
Radial
2.0 kg
2.0 kg
2.0 kg
Moment
3 Nm
3 Nm
3 Nm
Rotor Inertia (Unloaded)
0.0016 kg-m2
0.001 kg-m2
0.001 kg-m2
Stage Mass
1.7 kg
1.5 kg
1.5 kg
Material
Aluminum Body/Black Hardcoat Finish
MTBF (Mean Time Between Failure)
30,000 Hours
Electrical Specifications
ANT130R
Drive System
Slotless, Brushless, Direct-Drive Rotary Motor
Feedback
Noncontact Linear Encoder
Maximum Bus Voltage
±40 VDC
Limit Switches
5 V, Normally Closed
Home Switch
Near Center



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com