Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4067B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4067B
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4067B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4067B Datasheet HTML 2Page - STMicroelectronics HCC4067B Datasheet HTML 3Page - STMicroelectronics HCC4067B Datasheet HTML 4Page - STMicroelectronics HCC4067B Datasheet HTML 5Page - STMicroelectronics HCC4067B Datasheet HTML 6Page - STMicroelectronics HCC4067B Datasheet HTML 7Page - STMicroelectronics HCC4067B Datasheet HTML 8Page - STMicroelectronics HCC4067B Datasheet HTML 9Page - STMicroelectronics HCC4067B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol
Parameter
Test Conditios
Value
Unit
VIS
(V)
VEE
(V)
VSS
(V)
VDD
(V)
TLOW *25
oCTHIGH *
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
IL
Quiescent
Supply
Current
HCC
types
5
5
0.04
5
150
µA
10
10
0.04
10
300
15
20
0.04
20
600
20
100
0.08
100
3000
HCF
types
5
20
0.04
20
150
10
40
0.04
40
300
15
80
0.04
80
600
SWITCH
RON
On
Resistance
HCC
types
0
≤ VI
≤ VDD
00
5
800
470
1050
1300
Ω
10
310
180
400
580
15
200
125
240
320
HCF
types
0
≤ VI
≤ VDD
00
5
850
470
1050
1200
10
330
180
400
520
15
210
125
240
300
∆ON
Resistance
∆RON
(Between any two
channels)
00
510
Ω
10
10
15
5
OFF (
•)
Channel
Leakage
Current
Any
Channel OFF
HCC
types
0
0
18
100
±0.1 100
1000
µA
All Channel
OFF
(common
OUT/IN)
HCC
types
0
0
18
100
±0.1 100
1000
Any
Channel OFF
HCF
types
0
0
15
300
±0.1 300
1000
All Channel
OFF
(common
OUT/IN)
HCF
types
0
0
15
300
±0.1 300
1000
C
Capacitance
Input
Output for 4067
Output for 4097
Feedthrough
-5
5
5
55
35
0.2
pF
CONTROL
VIL
Input Low
Voltage
=VDD
thru
1K
Ω
VEE=VSS
RL =1K
Ω
to VSS
IIS <2
µA
(on all OFF
channels)
5
1.5
1.5
1.5
V
10
3
3
3
15
4
4
4
VIH
Input High
Voltage
5
3.5
3.5
3.5
V
10
7
7
7
15
11
11
11
IIH IIL
Input
Leackage
Current
HCC
types
VI = 0/18V
18
±0.1
±10-3 ±0.1
±1
µA
HCF
types
VI = 0/15V
15
±0.3
±10-3 ±0.3
±1
CI
Input Capacitance
Any Address or
Inhibit Input
5
7.5
pF
• Determined by minimum feasible leakage measurement for automatic testing
*TLOW =-55
oCfor HCC device: -40 oC for HCF device.
*THIGH =+125
oCfor HCC device: +85 oC for HCF device.
The Noise Margin for both ”1” and ”0” level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD =15 V
HCC/HCF4067B HCC/HCF4097B
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com