Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4067B Datasheet (PDF) - STMicroelectronics

HCC4067B Datasheet PDF - STMicroelectronics
Part # HCC4067B
Download  HCC4067B Download
File Size   336.41 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXER/DEMULTIPLEXER

HCC4067B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4067B Datasheet PDF - STMicroelectronics

Part # HCC4067B
Download  HCC4067B Click to download

File Size   336.41 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXER/DEMULTIPLEXER

HCC4067B Datasheet (HTML) - STMicroelectronics


HCC4067B Product details

DESCRIPTION
The HCC4067B, HCC4097B (extended temperature range) and HCF4067B, HCF4097B (intermediate temperature range) are monolithic integrated circuits available in 24-lead dual in line plastic or ceramic package.

4067B–SINGLE 16-CHANNEL
4097B–DIFFERENTIAL 8-CHANNEL

■ LOW ON RESISTANCE: 125Ω (typ.) OVER 15 Vp-p SIGNAL INPUT RANGE FOR VDD - VSS = 15V
■ HIGH OFF RESISTANCE: CHANNEL LEAKAGE OF ±10pA (typ.) @ VDD - VSS = 10V
■ MATCHED SWITCH CHARACTERISTICS: ∆RON = 5Ω (typ.) FOR VDD - VSS = 15V
■ VERY LOW QUIESCENT POWER DISSIPATION UNDER A DIGITAL CONTROL INPUT AND SUPPLY CONDITIONS: 0.2µW (typ.) @ VDD -VSS = 10V
■ BINARY ADDRESS DECODING ON CHIP
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25oC FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD No 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIE CMOS DEVICES”




Similar Part No. - HCC4067B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4067B STMICROELECTRONICS-HCC4067B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4067B STMICROELECTRONICS-HCC4067B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4067BD STMICROELECTRONICS-HCC4067BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4067BDG STMICROELECTRONICS-HCC4067BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4067BDT STMICROELECTRONICS-HCC4067BDT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results


Similar Description - HCC4067B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4052 ONSEMI-MC74LVX4052_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 7
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com