Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4066B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4066B
Description  OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4066B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4066B Datasheet HTML 1Page - STMicroelectronics HCF4066B Datasheet HTML 2Page - STMicroelectronics HCF4066B Datasheet HTML 3Page - STMicroelectronics HCF4066B Datasheet HTML 4Page - STMicroelectronics HCF4066B Datasheet HTML 5Page - STMicroelectronics HCF4066B Datasheet HTML 6Page - STMicroelectronics HCF4066B Datasheet HTML 7Page - STMicroelectronics HCF4066B Datasheet HTML 8Page - STMicroelectronics HCF4066B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC/HCF4066B
June 1989
OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
QUAD BILATERAL SWITCH FOR TRANSMISSION
.
15V DIGITAL OR
± 7.5V PEAK-TO-PEAK
SWITCHING
.
80
Ω TYPICAL ON RESISTANCE FOR 15V
OPERATION
.
SWITCH ON RESISTANCE MATCHED TO
WITHIN
5
OVER 15V SIGNAL-INPUT
RANGE
.
ON RESISTANCE FLAT OVER FULL PEAK-
TO-PEAK SIGNAL RANGE
.
HIGH ON/OFF OUTPUT-VOLTAGE RATIO :
65dB TYP. @ fis = 10kHz, RL = 10k
.
HIGH DEGREE OF LINEARITY : < 0.5% DIS-
TORTION TYP. @ fis = 1kHz, Vis = 5 Vp-p,
VDD –VSS
≥ 10V, RL = 10kΩ
.
EXTREMELY LOW OFF SWITCH LEAKAGE
RESULTING IN VERY LOW OFFSET CUR-
RENT AND HIGH EFFECTIVE OFF RESIST-
ANCE ; 10pA TYP. @ VDD –VSS = 10V,
TA =25
°C
.
EXTREMELY HIGH CONTROL INPUT IMPED-
ANCE (control circuit isolated from signal cir-
cuit) : 10
12
Ω TYP.
.
LOW CROSSTALK BETWEEN SWITCHES : –
50dB TYP. @ fis = 0.9MHz, RL =1k
.
MATCHED CONTROL-INPUT TO SIGNAL-
OUTPUT CAPACITANCE : REDUCES OUT-
PUT SIGNAL TRANSIENTS
.
FREQUENCY RESPONSE, SWITCH ON =
40MHz (typ.)
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4066B (extended temperature range) and
HCF4066B (intermediate temperature range) are
monolithic integrated circuits, available in 14-lead
dual in-line plastic or ceramic package and plas-
tic micropackage. The HCC/HCF4066B is a quad
bilateral switch intended for the transmission or
multiplexing of analog or digital signals. It is pin-for-
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4066BF
HCF4066BM1
HCF4066BEY
HCF4066BC1
PIN CONNECTIONS
1/11


Similar Part No. - HCF4066B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4066B STMICROELECTRONICS-HCF4066B Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
HCF4066B STMICROELECTRONICS-HCF4066B Datasheet
684Kb / 10P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Mar-2004
HCF4066BE STMICROELECTRONICS-HCF4066BE Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
HCF4066BEY STMICROELECTRONICS-HCF4066BEY Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
HCF4066BEY STMICROELECTRONICS-HCF4066BEY Datasheet
684Kb / 10P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Mar-2004
More results

Similar Description - HCF4066B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4066B STMICROELECTRONICS-HCF4066B Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4066 MICRO-ELECTRONICS-MMC4066 Datasheet
146Kb / 4P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
logo
Estek Electronics Co. L...
IW4066B ESTEK-IW4066B Datasheet
122Kb / 6P
A quad bilateral switch intended for the transmission or multiplexing of analog or digital signals
logo
STMicroelectronics
HCF4066B STMICROELECTRONICS-HCF4066B_04 Datasheet
684Kb / 10P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Mar-2004
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66 Datasheet
162Kb / 12P
Dual Bilateral Analog Switch / Digital Multiplexer
January, 2013 ??Rev. 1
logo
Texas Instruments
THS1009 TI1-THS1009_14 Datasheet
310Kb / 31P
Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66_16 Datasheet
113Kb / 11P
Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
logo
PHOENIX CONTACT
2688080 PHOENIX-2688080 Datasheet
122Kb / 6P
8 analog, bipolar output channels for the connection of either voltage or current signals
2702153 PHOENIX-2702153 Datasheet
131Kb / 6P
4 analog output channels for the connection of either voltage or current signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com