Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4066B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4066B
Description  OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4066B Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4066B Datasheet HTML 1Page - STMicroelectronics HCF4066B Datasheet HTML 2Page - STMicroelectronics HCF4066B Datasheet HTML 3Page - STMicroelectronics HCF4066B Datasheet HTML 4Page - STMicroelectronics HCF4066B Datasheet HTML 5Page - STMicroelectronics HCF4066B Datasheet HTML 6Page - STMicroelectronics HCF4066B Datasheet HTML 7Page - STMicroelectronics HCF4066B Datasheet HTML 8Page - STMicroelectronics HCF4066B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TYPICAL APPLICATIONS
BIDIRECTIONAL SIGNAL TRANSMISSION VIA DIGITAL CONTROL LOGIC
ELECTRICAL CHARACTERISTICS (continued)
Test Conditions
Val ue
VDD
TLow*
25
°CT
High*
Unit
Symbol
Parameter
(V)
Min.
Max.
Min.
Typ.
Max.
Min. Max.
Crosstalk (control
input to signal
output)
VC = 10V (sq. wave)
tr,tf =20ns
RL =10kΩ
10
50
mV
Turn-on
Propagation Delay
VIN =VDD
tr,tf =20ns
CL =50pF
RL =1k Ω
535
70
ns
10
20
40
15
15
30
Control Input
Repetition Rate
Vis =VDD,VSS = GND
RL =1k Ω to gnd
CL =50pF
VC = 10V (square
wave centured on
5V)
tr,tf =20ns
Vos =1/2Vos @1kHz
56
MHz
10
9
15
9.5
CI
Input Capacitance Any Input
5
7.5
pF
*TLow =– 55
°Cfor HCC device : – 40°Cfor HCF device.
*THigh = + 125
°Cfor HCC device : + 85°Cfor HCF device.
The Noise Margin for both ”1” and ” 0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V.
HCC/HCF4066B
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com