Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4060
Description  COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4060 Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4060 Datasheet HTML 1Page - STMicroelectronics HCC4060 Datasheet HTML 2Page - STMicroelectronics HCC4060 Datasheet HTML 3Page - STMicroelectronics HCC4060 Datasheet HTML 4Page - STMicroelectronics HCC4060 Datasheet HTML 5Page - STMicroelectronics HCC4060 Datasheet HTML 6Page - STMicroelectronics HCC4060 Datasheet HTML 7Page - STMicroelectronics HCC4060 Datasheet HTML 8Page - STMicroelectronics HCC4060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC4060B
HCF4060B
September 1988
COUNTER/DIVIDER AND OSCILLATOR
14-STAGE RIPPLE CARRY BINARY
EY
(Plastic Package)
DESCRIPTION
ORDER CODES :
HCC4060BF
HCF4060BM1
HCF4060BEY
HCF4060BC1
F
(Ceramic Package)
M1
(Micro Package)
C1
(Chip Carrier)
PIN CONNECTIONS
.
MEDIUM-SPEED OPERATION
.
COMMON RESET
.
FULLY STATIC OPERATION
.
BUFFERED INPUTS AND OUTPUTS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
oC
FOR HCC DEVICE
.
1005 TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N. 13A, ” STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ’ B
’ SERIES CMOS DEVICES ”
The HCC4060B (extended temperature range) and
HCF4060B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in line plastic or ceramic package and plastic
micropackage. The HCC/HCF4060B consist of an
oscillator section and 14 ripple carry binary counter
stages. The oscillator configuration allows design of
either RC or crystal oscillator circuits. A RESET
input is provided which reset the counter to the all
0’s state and disables oscillator. A high level on the
RESET line accmplishes the reset function. All
counter stages are master slave flip-flops. The state
of the counter is advanced one step in binary order
on the negative transition of
φ1 (and φ0). All inputs
and outputs are fully buffered. Schmitt trigger action
on the clock lin permits unlimited clock rise and fall
time.
1/13


Similar Part No. - HCC4060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4060B STMICROELECTRONICS-HCC4060B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4060B STMICROELECTRONICS-HCC4060B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4060BD STMICROELECTRONICS-HCC4060BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4060BDG STMICROELECTRONICS-HCC4060BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4060BK STMICROELECTRONICS-HCC4060BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC4060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
Aug-2003
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
Nexperia B.V. All right...
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com