Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4060 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4060
Description  COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4060 Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4060 Datasheet HTML 1Page - STMicroelectronics HCC4060 Datasheet HTML 2Page - STMicroelectronics HCC4060 Datasheet HTML 3Page - STMicroelectronics HCC4060 Datasheet HTML 4Page - STMicroelectronics HCC4060 Datasheet HTML 5Page - STMicroelectronics HCC4060 Datasheet HTML 6Page - STMicroelectronics HCC4060 Datasheet HTML 7Page - STMicroelectronics HCC4060 Datasheet HTML 8Page - STMicroelectronics HCC4060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay Time
(
φ to Q4 out)
5
370
740
ns
10
150
300
15
100
200
tPLH
tPHL
Propagation Delay Time
(Qn to Qn+1)
5
100
200
ns
10
50
100
15
40
80
tTLH
tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Input Pulse Width
f = 100KHz
5
50
100
ns
10
20
40
15
15
30
tr,tf
Input Pulse Rise and Fall Time
5
Unlimited
µs
10
15
fmax
Maximum Clock Input Frequency
5
3.5
7
MHz
10
8
16
15
12
24
RESET OPERATION
tPHL
Propagation Delay Time
5
180
360
ns
10
80
160
15
50
100
tW
Reset Pulse Width
5
60
120
ns
10
30
60
15
20
40
RC OPERATION
Variation of Frequency (Unit-to-Unit)
CX = 200pF
RS = 560K
Ω
RX =50 K
Ω
5
18
21.5
25
KHz
10
20
23
26
15
21.1
24
27
Variation of Frequency With Voltage Change
(Same Unit)
CX = 200pF
RS = 560K
Ω
RX =50 K
Ω
5to 10
2
10 to 15
1
RX
CX =10
µF5
20
M
Ω
CX =50
µF10
20
CX =10
µF15
10
CX
RX = 500 K
Ω
5
1000
mF
RX = 300 K
Ω
10
50
RX = 300 K
Ω
15
50
Maximum Oscillator Frequency *
RX =5K
Ω
CX = 15pF
10
530
650
810
pF
15
690
800
94
* RC oscillator applications are not recommended at supply voltages below 7V for RX = 50K
Ω
HCC/HCF4060B
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com