Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4066 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCC4066
Description  OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4066 Datasheet(HTML) 2 Page - STMicroelectronics

  HCC4066 Datasheet HTML 1Page - STMicroelectronics HCC4066 Datasheet HTML 2Page - STMicroelectronics HCC4066 Datasheet HTML 3Page - STMicroelectronics HCC4066 Datasheet HTML 4Page - STMicroelectronics HCC4066 Datasheet HTML 5Page - STMicroelectronics HCC4066 Datasheet HTML 6Page - STMicroelectronics HCC4066 Datasheet HTML 7Page - STMicroelectronics HCC4066 Datasheet HTML 8Page - STMicroelectronics HCC4066 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SCHEMATIC DIAGRAM
1 OF 4 IDENTICAL SWITCHES AND ITS ASSOCIATED CONTROL CIRCUITRY.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V DD*
Supply Voltage : HC C Types
HCF Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
I I
DC Input Current (any one input)
± 10
mA
Ptot
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package-temperature Range
200
100
mW
mW
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
T stg
Storage Temperature
– 65 to + 150
°C
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
* All voltage values are referred to VSS pin voltage.
pin compatible with HCC/HCF4016B, but exhibits a
much lower ON resistance. In addition, the ON re-
sistance is relatively constant over the full input-sig-
nal range. The HCC/HCF4066B consists of four
independent bilateral switches. A single control sig-
nal is required per switch. Both the p and the n de-
vice in a given switch are biased ON or OFF
simultaneously by the control signal. As shown in
schematic diagram, the well of the n-channel device
on each switch is either tied to the input when the
switch is ON or to VSS when the switch is OFF. This
configuration eliminates the variation of the switch-
transistor threshold voltage with input signal, and
thus keeps the ON resistance low over the full oper-
ating-signal range. The advantages over single-
channel switches include peak input signal voltage
swings equal to the full supply voltage, and more
constant ON impedance over the input-signal
range. For sample-and-hold applications, however,
the HCC/HCF4016B is recommended.
HCC/HCF4066B
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com