Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4066 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4066
Description  OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4066 Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4066 Datasheet HTML 1Page - STMicroelectronics HCC4066 Datasheet HTML 2Page - STMicroelectronics HCC4066 Datasheet HTML 3Page - STMicroelectronics HCC4066 Datasheet HTML 4Page - STMicroelectronics HCC4066 Datasheet HTML 5Page - STMicroelectronics HCC4066 Datasheet HTML 6Page - STMicroelectronics HCC4066 Datasheet HTML 7Page - STMicroelectronics HCC4066 Datasheet HTML 8Page - STMicroelectronics HCC4066 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Test Conditions
Va lu e
VDD
TLow*
25
°CT
High*
Unit
Symbol
Parameter
(V)
Min.
Max.
Min.
Typ.
Max.
Min. Max.
-50 dB
Feedthrough
Frequen cy(switch
off)
VC =VSS =– 5 V,
Vis (p-p) = 5V
(sine wave centured on
0V)
RL =1 kΩ
1MHz
- 50 dB Crosstalk
Frequency
VC (A) = VDD =+ 5 V
VC (B) = VSS =– 5 V
Vis (A) = 5Vp-p,
50
Ω source
RL =1 kΩ
8MHz
tpd
Propagati on Delay
(signal input to
signa l output)
RL = 200kΩ
VC =VDD,VSS = GND,
CL = 5 0pF, Vis =1 0V
(squa re wave centured on
5V)
tr,tf = 20ns
520
40
ns
10
10
20
15
7
15
Cis
Input Capacita nce VDD =+ 5 V
VC =VSS =– 5 V
8
pF
Cos
Output
Capacitance
8
Cios
Feedthrough
0.5
Input/Output
Leakage
Current
Switch OFF
HCC
Types
VC =0V
Vis = 18V ; Vos
=0V
Vis =0 V ; Vos
=18V
18
± 0.1
±10–3 ± 0.1
± 1
µA
HCF
Types
VC =0V
Vis = 15V ; Vos
=0V
Vis =0 V ; Vos
=15V
15
± 0.3
±10–3 ± 0.3
± 1
CONTROL (VC)
VILC
Control Input Low
Voltage
I
is <1 0µA
Vis =VSS,Vos =VDD
and
Vis =VDD,Vos =VSS
51
1
1
V
10
2
2
2
15
2
2
2
VIHC
Control Input High
Voltage
5
3.5
3.5
3.5
V
10
7
7
7
15
11
11
11
IIH,IIL
Input
Leakage
Current
HCC
Types
Vis ≤ V DD
VDD –VSS = 18V
18
± 0.1
±10–5 ± 0.1
± 1
µA
HCF
Types
VDD –VSS = 15V
VCC ≤ VDD –VSS
15
± 0.3
±10–5 ± 0.3
± 1
*TLow =– 55
°Cfor HCC device : – 40°Cfor HCF device.
*THigh = + 125
°Cfor HCC device : + 85°Cfor HCF device.
The Noise Margin for both ”1” and ” 0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V.
HCC/HCF4066B
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com