Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23195 Datasheet(PDF) 1 Page - Sangamo

Part # 23195
Description  Two Module Single or dual channel, Solar, electronic time switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANGAMO [Sangamo]
Direct Link  https://www.sangamo.co.uk/
Logo SANGAMO - Sangamo

23195 Datasheet(HTML) 1 Page - Sangamo

  23195 Datasheet HTML 1Page - Sangamo  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Two Module
Single or dual channel, Solar, electronic time switch
Functional characteristics
• Latitude setting range from : 90
o North to 90o
South
• Longitude setting range from : 180
oWest to
180
oEast
• SUNRISE and SUNSET time settings of +/-
120 minutes
• Automatic summer/winter time
changeover
• Product delivered time set and date set to
current day
• 56-step programming capacity per product
• Accuracy of operation: +/- 1.5sec / 24 hour
• Solar time precision: +/- 10 minutes
• Power reserve by lithium battery: gives 5 years
of reserve
• Holiday mode: ON or OFF override between
two dates
• Manual or timed ON or OFF overriding
Technical characteristics
Supply voltage
230 V +15/-15% 50/60 Hz
Power consumption
max. 6VA at 50/60Hz
Cutoff power
resistive load
inductive load (cos φ = 0.6)
incandescent and halogen load
VLV halogen electronic or ferromagnetic transformer
compact fluorescent tudes
non compensated fluorescent tubes
parallel compensated fluorescent tubes (max. 45 μF)
electronic ballast
16 A AC1
10 A
2300W
750W
500W
1000W
400W
8 x 58 W
Min. cutoff power in AC1
100 mA
Insulation class
ll
Degree of protection
IP 20/ IK 03
Operating temperature
-10
o
C to +55
o
C
Storage termperature
-20
o
C to +60
o
C
Connection capacity
1 to 6 mm2
Performance indicated for an ambient temperature of 20 oC
Reference
Cycle
No of Channels
Voltage free changeover contacts
04566
7 day
1
16 (10) A
04567
7 day
2
16 (10) A
Sangamo Limited
Industrial Estate, Port Glasgow, Renfrewshire, PA14 5XG
Tel: 0845 006 6206
Fax: 01475 744567
Email : enquiries@sangamo.co.uk
Web: www.sangamo.co.uk
Data Sheet: DS0005_A
Features
• Solar timer for automatic control of lighting
circuits according to SUNRISE and SUNSET
times in applications such as:
- public lighting
- luminous signs
- store windows
- monuments, facades, illuminated
fountains etc
• Size reduced to 2 modules
• Customisation of program is possible with
fixed operations
• All Solar settings and Standard timer settings
can be programmed directly on the timer or in
a very user friendly way thanks to the Easy-vue
software for programming by PC.
• A programming key is included
Mounting
Reference
Accessories
23195
Interface and software for programming by PC USB version
23193
Virgin programming key
143602
IP compatible enclosure
Interface & software for PC ref: 23195
Programming
Key ref:
Dimensions & Electrical Connections
04566
04567


Similar Part No. - 23195

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2319508 PHOENIX-2319508 Datasheet
48Kb / 3P
Input module - UM-2KS40/16AI/SI/RS/Z/C-L/SO22
logo
Integrated Technology F...
231954B ITF-231954B Datasheet
180Kb / 2P
Typical 1dB bandwidth of 19.2 MHz
logo
PHOENIX CONTACT
2319595 PHOENIX-2319595 Datasheet
53Kb / 3P
Output module - UM-2KS50/DO16/RS/K-MT/SO241
More results

Similar Description - 23195

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7535P SANYO-LC7535P Datasheet
86Kb / 6P
High-voltage, Two-channel Electronic Attenuator
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
logo
Advanced Analog Technol...
AAT4682 AAT-AAT4682 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
4682.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4682 ANALOGICTECH-AAT4682_06 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
Two-Channel Electronic Volume Control System
May, 2014
logo
TriQuint Semiconductor
QPB9319 TRIQUINT-QPB9319 Datasheet
1Mb / 11P
Dual-Channel Switch LNA Module
logo
Qorvo, Inc
QPB9329 QORVO-QPB9329 Datasheet
1Mb / 11P
Dual-Channel Switch LNA Module
QPB9319 QORVO-QPB9319 Datasheet
1Mb / 11P
Dual-Channel Switch LNA Module
QPB9348 QORVO-QPB9348 Datasheet
1Mb / 13P
Dual-Channel Switch LNA Module
June 27, 2019
QPB9318 QORVO-QPB9318 Datasheet
4Mb / 14P
Dual-Channel Switch LNA Module
August 10, 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com