Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75366 Datasheet (PDF) - Sanyo Semicon Device

LC75366 Datasheet PDF - Sanyo Semicon Device
Part # LC75366
Download  LC75366 Download
File Size   244.77 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel Electronic Volume Control

LC75366 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75366 Datasheet PDF - Sanyo Semicon Device

Part # LC75366
Download  LC75366 Click to download

File Size   244.77 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel Electronic Volume Control

LC75366 Datasheet (HTML) - Sanyo Semicon Device


LC75366 Product details

Overview
The LC75366 (DIP20) and the LC75366M (MFP20) are electronic volume controls that can be controlled by serial input data and provide volume, balance and loudness functions.

Features
• Silicon gate CMOS process for low switching noise

Functions
• Volume: 0 dB to –68 dB (in 2 dB steps) and –∞; 36 positions. A balance function can be implemented by controlling the left and right channel volume settings independently.
• Loudness: Taps are provided at the –20 dB positions in the 10 dB step resistor ladder used by the volume control function. A loudness function can be implemented by attaching external RC circuits at these tap points.
• An address selection pin (the S pin) allows two LC75366 chips to be used on the same bus.
• Serial data input: Supports CCB* format communication with the system controller.




Similar Part No. - LC75366

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536LHS SANYO-LC7536LHS Datasheet
126Kb / 6P
High-voltage, Two-channel Electronic Attenuator?
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
High Breakdown Voltage Serial Control Electronic Volume Control
More results


Similar Description - LC75366

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
ELECTRONIC VOLUME CONTROL IC
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7533 SANYO-LC7533 Datasheet
87Kb / 3P
3V Electronic Volume Control
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
logo
Samsung semiconductor
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
DUAL ELECTRONIC VOLUME CONTROL
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
Two-Channel Electronic Volume Control System
May, 2014
logo
SHENZHEN FUMAN ELECTRON...
SC2256B FUMAN-SC2256B Datasheet
427Kb / 8P
Electronic volume control circuit
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com