Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7536R Datasheet (PDF) - Sanyo Semicon Device

LC7536R Datasheet PDF - Sanyo Semicon Device
Part # LC7536R
Download  LC7536R Download
File Size   111.43 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Breakdown Voltage Serial Control Electronic Volume Control

LC7536R Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7536R Datasheet PDF - Sanyo Semicon Device

Part # LC7536R
Download  LC7536R Click to download

File Size   111.43 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Breakdown Voltage Serial Control Electronic Volume Control

LC7536R Datasheet (HTML) - Sanyo Semicon Device


LC7536R Product details

Overview
The LC7536R is an electronic volume control IC that implements volume and balance functions with a minimum number of external components.

Features
• The LC7536R is controlled by a 3-wire (DI, CL and CE) serial data control scheme that can be shared with other ICs. Up to two LC7536Rs can be used on the same bus by using the S (select) pin.
• Eighty positions in 1 dB steps plus mute (–∞), maximum attenuation is over 80 dB
• Input impedance (5 dB inputs): 47 kΩ (typical)
• High breakdown voltage: ±16 V




Similar Part No. - LC7536R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
LC75366M SANYO-LC75366M Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
LC7536LHS SANYO-LC7536LHS Datasheet
126Kb / 6P
High-voltage, Two-channel Electronic Attenuator?
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
More results


Similar Description - LC7536R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Sanyo Semicon Device
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
Serial Data Control Dual Electronic Volume
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
Serial Data Control Dual Electronic Volume
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com