Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7536M Datasheet (PDF) - Sanyo Semicon Device

LC7536M Datasheet PDF - Sanyo Semicon Device
Part # LC7536M
Download  LC7536M Download
File Size   107.88 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Serially Controlled Electronic Volume Control that Handles High Voltages

LC7536M Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7536M Datasheet PDF - Sanyo Semicon Device

Part # LC7536M
Download  LC7536M Click to download

File Size   107.88 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Serially Controlled Electronic Volume Control that Handles High Voltages

LC7536M Datasheet (HTML) - Sanyo Semicon Device


LC7536M Product details

Overview
The LC7536M is an electronic volume control that implements volume, balance, and loudness functions with a minimum number of external components, and can be controlled electronically with serial data.

Features
• High voltage handling capability: ±16 V.

Functions
• Volume: 81 positions from 0 to –79 dB (in 1-dB steps) and –∞. Since the left and right channels can be controlled separately, a balance function can be implemented easily.
• Loudness: A tap is output from the –20 dB position of a 5 dB step volume control resistor ladder. A loudness function can be implemented by connecting an external RC circuit.
• S (select): Up to two LC7536M ICs can be used on the same bus.
• Serial data input: The LC7536M supports control and communication in the CCB format.




Similar Part No. - LC7536M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
LC75366M SANYO-LC75366M Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
LC7536LHS SANYO-LC7536LHS Datasheet
126Kb / 6P
High-voltage, Two-channel Electronic Attenuator?
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
High Breakdown Voltage Serial Control Electronic Volume Control
More results


Similar Description - LC7536M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
ELECTRONIC VOLUME CONTROL IC
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
DUAL ELECTRONIC VOLUME CONTROL
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
19-Jun-2001
logo
Samsung semiconductor
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
DUAL ELECTRONIC VOLUME CONTROL
logo
Silan Microelectronics ...
SA2159 SILAN-SA2159 Datasheet
173Kb / 11P
VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
Serial data controlled dual channel electronic volume control
logo
SHENZHEN FUMAN ELECTRON...
SC2256B FUMAN-SC2256B Datasheet
427Kb / 8P
Electronic volume control circuit
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com