Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV110-SM02-R Datasheet(PDF) 2 Page - Superior Sensors Technology.

Part # HV110-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV110-SM02-R Datasheet(HTML) 2 Page - Superior Sensors Technology.

  HV110-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
2 
DS‐0001G.DOCX 
Table of Contents 
1
  Maximum Ratings ................................................................ 2 
2
  Suggested Operating Conditions ......................................... 2 
3
  Environmental ..................................................................... 2 
4
  Equivalent Circuit ................................................................. 2 
5
  Feature List .......................................................................... 3 
6
  Performance Characteristics ............................................... 3 
7
  Electrical Characteristics ...................................................... 4 
7.1
  Supply Characteristics ................................................. 4 
7.2
  Reset Characteristics .................................................. 4 
7.3
  DAV Characteristics .................................................... 4 
7.4
  SPI Characteristics ...................................................... 5 
7.5
  I
2C Characteristics ....................................................... 5 
8
  Materials .............................................................................. 5 
8.1
  Wetted Materials ........................................................ 5 
8.2
  Material Compliance .................................................. 6 
9
  System Overview ................................................................. 6 
10
 Interface .............................................................................. 7 
10.1
  Reset ........................................................................... 7 
10.2
  Communication Interface Selection ........................... 7 
10.3
  SPI Interface ................................................................ 7 
10.4
  I
2C Interface ................................................................ 8 
10.4.1
 I
2C Address ....................................................... 8 
10.4.2
 I
2C Communications Model ............................. 8 
10.4.3
 I
2C Clock Stretching .......................................... 9 
10.4.4
 I
2C Bus Compatibility ........................................ 9 
10.5
  Extended Data Acquisition ......................................... 9 
10.5.1
 Available Extended Data .................................. 9 
10.5.2
 SPI Extended Data Read ................................... 9 
10.5.3
 I
2C Extended Data Read ................................... 9 
10.6
  Control Registers ...................................................... 10 
10.6.1
 Mode Control Register ................................... 10 
10.6.2
 Rate Control Register ..................................... 11 
10.7
  Computing Pressure ................................................. 11 
11
 Mechanical and Manufacturing ......................................... 12 
11.1
  Package Dimensions ................................................. 12 
11.2
  Suggested Pad Layout ............................................... 12 
11.3
  Pinout ....................................................................... 13 
11.4
  Reflow Soldering and Handling Conditions .............. 13 
11.5
  Pick and Place Pick‐up Zone ..................................... 13 
11.6
  Packaging Options .................................................... 14 
11.6.1
 Tray Packaging ............................................... 14 
11.6.2
 Tape and Reel ................................................ 15 
11.7
  Part Identification ..................................................... 16 
12
 Ordering Information ........................................................ 16 
13
 Packaging Labeling............................................................. 16 
14
 Revisions ............................................................................ 17 
15
 Warranty ............................................................................ 17 
 
1 Maximum Ratings
Parameter 
Sym 
Min 
Max
Units
Supply Voltage 
VDDM 
Gnd‐0.3 
4.0 
V 
Voltage on I/O Pins 
VDD > 3.3V 
VDD ≤ 3.3V 
 
VIOML 
VIOMH 
 
Gnd‐0.3 
Gnd‐0.3 
 
5.8 
VDD+2.5 
 
V 
V 
I/O Current 
IIOM ‐25 
25 
mA 
2 Suggested Operating Conditions
Parameter 
Sym 
Min 
Max
Units
Supply Voltage 
VDDOP 
2.8 
3.5 
V 
Temperature 
TA 
0 
50 
°C 
3 Environmental
Parameter 
Sym 
Min 
Max
Units
Temperature Range
Compensated 
Operating 
Storage 
 
TCMP 
TOP 
TSTG 
 
0 
‐20 
‐40 
 
50 
85 
85 
 
°C 
°C 
°C 
Humidity 
(Non‐condensing) 
RHOP 
0 
95 
% RH 
Vibration 
(10Hz‐2kHz) 
GVIBE ‐ 
15 
g 
Shock (6 ms) 
GSHOCK ‐ 
100 
g 
Life 
CYLIFE 
1M 
‐ 
Pressure 
Cycles 
4 Equivalent Circuit
 
 
 HV‐Series Equivalent Circuit
DAV
nRST
SCK
nSS
VDD
Gnd
DAV
nRST
SCK
nSS
VDD
Gnd
Port B
Port A
PLOW
PHIGH
MISO/SDA
MOSI/SCL
MISO/SDA
MOSI/SCL
PLOW
PHIGH
Sensor
(SPI)
Port B
Port A
Sensor
(I
2C)
VI2C Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com