Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV110-SM02-R Datasheet(PDF) 4 Page - Superior Sensors Technology.

Part # HV110-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV110-SM02-R Datasheet(HTML) 4 Page - Superior Sensors Technology.

  HV110-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
4 
DS‐0001G.DOCX 
7 Electrical Characteristics
7.1 Supply Characteristics
Parameter 
Sym 
HV110/HV120/HV160
HV210 
Units 
Notes 
Min 
Typ
Max
Min
Typ
Max 
Supply Current 
IDD ‐ 
3.5 
3.8 ‐ 
4.5 
4.8 
mA  
Supply Capacitance 
CDD ‐ 
10 ‐ 
‐ 
10 ‐ 
uF 
1 
1) Supply capacitance is provided within the part however it is recommended to include a 0.1 uF decoupling cap near the supply pads. 
7.2 Reset Characteristics
Parameter 
Sym 
Condition 
HV110 / HV120 /HV160/ HV210 
Units 
Notes 
Min
Typ
Max 
Power‐On Reset 
Threshold 
VPORR 
VPORF 
Rising Voltage on VDD 
Falling Voltage on VDD 
‐ 
0.75 
1.4 
‐ 
‐ 
1.36 
V 
V 
 
Interface Detect 
Delay 
tIOD 
From POR or External 
Reset 
‐ 
‐ 
40 
ms  
First Response 
Settling Time 
tFRD 
From POR or External 
Reset 
‐ 
‐ 
150 
ms 
1 
External Reset Low 
tRSTL  
15 ‐ 
‐ 
us  
Input High Voltage 
VIH  
VDD‐0.6 ‐ 
‐ 
 
2 
Input Low Voltage 
VIL 
 
‐ 
‐ 
0.6  
2 
Internal Pull‐Up 
Current 
IPU 
VIN = 0V ‐ 
‐10 ‐30 
uA 
2 
Input Capacitance 
CIN  
‐ 
7 ‐ 
pF 
2 
1) The filter settling time to ensure the first reading is completely settled. 
2) Input nRST 
7.3 DAV Characteristics
Parameter 
Sym 
Condition 
HV110 / HV120 /HV160/ HV210 
Units 
Notes 
Min
Typ
Max 
Output High Voltage 
VOH 
IO = ‐3 mA 
VDD‐0.7 ‐ 
‐ 
V  
Output Low Voltage 
VOL 
IO = 8 mA ‐ 
‐ 
0.6 
V  
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com