Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54526PWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS54526PWPR
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS54526PWPR Datasheet HTML 25Page - Texas Instruments TPS54526PWPR Datasheet HTML 26Page - Texas Instruments TPS54526PWPR Datasheet HTML 27Page - Texas Instruments TPS54526PWPR Datasheet HTML 28Page - Texas Instruments TPS54526PWPR Datasheet HTML 29Page - Texas Instruments TPS54526PWPR Datasheet HTML 30Page - Texas Instruments TPS54526PWPR Datasheet HTML 31Page - Texas Instruments TPS54526PWPR Datasheet HTML 32Page - Texas Instruments TPS54526PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
www.ti.com
PACKAGE OUTLINE
C
16X
0.38
0.23
2.7 0.1
16X
0.5
0.3
1.0
0.8
(0.2) TYP
0.05
0.00
12X 0.65
4X
1.95
A
4.1
3.9
B
4.1
3.9
VQFN - 1 mm max height
RSA0016B
PLASTIC QUAD FLATPACK - NO LEAD
4219093/A 08/2021
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
4
9
12
5
8
16
13
X 0.3)
(45
PIN 1 ID
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
SYMM
17
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
4. Reference JEDEC registration MO-220.
SCALE 3.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com