Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54526PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54526PWPR
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54526PWPR Datasheet HTML 3Page - Texas Instruments TPS54526PWPR Datasheet HTML 4Page - Texas Instruments TPS54526PWPR Datasheet HTML 5Page - Texas Instruments TPS54526PWPR Datasheet HTML 6Page - Texas Instruments TPS54526PWPR Datasheet HTML 7Page - Texas Instruments TPS54526PWPR Datasheet HTML 8Page - Texas Instruments TPS54526PWPR Datasheet HTML 9Page - Texas Instruments TPS54526PWPR Datasheet HTML 10Page - Texas Instruments TPS54526PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
6.7 Typical Characteristics
VIN = 12 V, TA = 25 °C (unless otherwise noted)
0
200
400
600
800
1000
1200
−50
0
50
100
150
Junction Temperature (°C)
VIN = 12 V
G006
Figure 6-1. VIN Current vs Junction Temperature
0
2
4
6
8
10
12
−50
0
50
100
150
Junction Temperature (°C)
VIN = 12 V
G005
Figure 6-2. VIN Shutdown Current vs Junction Temperature
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
EN Input Voltage (V)
VIN = 12 V
G002
Figure 6-3. EN Current vs EN Voltage
400
500
600
700
800
0
5
10
15
20
Input Voltage (V)
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
G004
IO = 1A
Figure 6-4. Switching Frequency vs Input Voltage
0
100
200
300
400
500
600
700
800
900
0.01
0.1
1
10
Output Current (A)
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
G007
Figure 6-5. Switching Frequency vs Output Current
0
1
2
3
4
5
6
−50
−25
0
25
50
75
100
Ambient Temperature (°C)
VOUT = 1.0 − 4.5 V
VOUT = 5.0 V
VOUT = 5.5 V
VIN = 12 V
G008
Figure 6-6. Output Current vs Ambient Temperature
www.ti.com
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com