Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4078 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4078
Description  8-INPUT NOR/OR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4078 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4078 Datasheet HTML 1Page - STMicroelectronics HCF4078 Datasheet HTML 2Page - STMicroelectronics HCF4078 Datasheet HTML 3Page - STMicroelectronics HCF4078 Datasheet HTML 4Page - STMicroelectronics HCF4078 Datasheet HTML 5Page - STMicroelectronics HCF4078 Datasheet HTML 6Page - STMicroelectronics HCF4078 Datasheet HTML 7Page - STMicroelectronics HCF4078 Datasheet HTML 8Page - STMicroelectronics HCF4078 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC/HCF4078B
8-INPUT NOR/OR GATE
DESCRIPTION
.
MEDIUM-SPEED OPERATION tPHL,tPLH = 75ns
(TYP.) AT VDD = 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD No. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4078B (extended temperature range) and
HCF4078B (intermediate temperature range) are
monolithic integrated circuit, available in 14-lead
dual in-line plastic or ceramic package, plastic
micropackage.
The HCC/HCF4078B NOR/OR Gate provides the
system designer with direct implementation of the
positive-logic-8-input NOR and OR function and
supplements the existing family of COS/MOS gates.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
ORDER CODES :
HCC4078BF
HCF4078BM1
HCF4078BEY
HCF4078BC1
PIN CONNECTIONS
C1
(Plastic Chip Carrier)
1/11


Similar Part No. - HCF4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4078B STMICROELECTRONICS-HCF4078B Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
HCF4078BEY STMICROELECTRONICS-HCF4078BEY Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
HCF4078BM1 STMICROELECTRONICS-HCF4078BM1 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
HCF4078M013TR STMICROELECTRONICS-HCF4078M013TR Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
More results

Similar Description - HCF4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Toshiba Semiconductor
TC74HC4078AP TOSHIBA-TC74HC4078AP Datasheet
177Kb / 4P
8-INPUT OR/NOR GATE
logo
Texas Instruments
SN54HC4078A TI-SN54HC4078A Datasheet
76Kb / 4P
8-INPUT OR/NOR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
8-INPUT NOR/OR GATE
Jul-2001
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com