Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4089 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4089
Description  BINARY RATE MULTIPLIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4089 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4089 Datasheet HTML 3Page - STMicroelectronics HCF4089 Datasheet HTML 4Page - STMicroelectronics HCF4089 Datasheet HTML 5Page - STMicroelectronics HCF4089 Datasheet HTML 6Page - STMicroelectronics HCF4089 Datasheet HTML 7Page - STMicroelectronics HCF4089 Datasheet HTML 8Page - STMicroelectronics HCF4089 Datasheet HTML 9Page - STMicroelectronics HCF4089 Datasheet HTML 10Page - STMicroelectronics HCF4089 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (continued )
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t THL,tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
f CL
Maximum Clock Frequency
5
1.2
2.4
MHz
10
2.5
5
15
3.5
7
t W
Clock Pulse Width
5
330
165
ns
10
170
85
15
100
50
t r,tf
Clock Rise or Fall Time
5
15
µs
10
15
15
15
t W
Set or Clear Pulse Width
5
160
80
ns
10
90
45
15
60
30
t se tu p
Inhibit Input Setup Time, High
Level to Low Level
5
100
50
ns
10
40
20
15
20
10
t R
Inhibit, Input Removal Time
5
240
120
ns
10
130
65
15
110
55
t R
Minimum Set Removal Time
5
150
75
ns
10
80
40
15
50
25
t R
Clear Removal Time
5
60
30
ns
10
40
20
15
30
15
HCC/HCF4089B
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com