Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4089 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4089
Description  BINARY RATE MULTIPLIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4089 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4089 Datasheet HTML 1Page - STMicroelectronics HCF4089 Datasheet HTML 2Page - STMicroelectronics HCF4089 Datasheet HTML 3Page - STMicroelectronics HCF4089 Datasheet HTML 4Page - STMicroelectronics HCF4089 Datasheet HTML 5Page - STMicroelectronics HCF4089 Datasheet HTML 6Page - STMicroelectronics HCF4089 Datasheet HTML 7Page - STMicroelectronics HCF4089 Datasheet HTML 8Page - STMicroelectronics HCF4089 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4089B
BINARY RATE MULTIPLIER
DESCRIPTION
.
CASCADABLE IN MULTIPLES OF 4-BITS
.
SET TO ”15” INPUT AND ”15” DETECT OUT-
PUT
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
INPUT CURRENT OF 100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4089B (extended temperature range) and
HCF4089B (intermediate temperature range) are
monolithic integrated circuit available in 16-lead
dual in-line plastic or ceramic package.
The HCC/HCF4089B is a low-power 4-bit digital
rate multiplier that provides an output pulse rate that
is the clock-input-pulse rate multiplied by 1/16 times
the binary input. For example, when the binary input
number is 13, there will be 13 output pulses for every
16 input pulses.
The HCC/HCF4089B has an internal synchronous
4-bit counter which, together with one of the four bi-
nary input bits, produces pulse trains as shown in
timing diagram.
If more than one binary input bit is high, the resulting
pulse train is a combination of the above separate
pulse trains. This device may be used to perform
arithmetic operations (add, subtract, divide, raise to
a power), solve algebraic and differential equations,
generate natural logarithms and trigonometric func-
tions, A/D and D/A conversions, and frequency di-
vision.
EY
(Plastic Package)
F
(Ceramic Package)
C1
(Chip Carrier)
ORDER CODES :
HCC4089BF
HCF4089BEY
HCF4089BC1
PIN CONNECTIONS
1/13


Similar Part No. - HCF4089

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4089B STMICROELECTRONICS-HCF4089B Datasheet
573Kb / 11P
BINARY RATE MULTIPLIER
Sep-2002
HCF4089BEY STMICROELECTRONICS-HCF4089BEY Datasheet
573Kb / 11P
BINARY RATE MULTIPLIER
Sep-2002
HCF4089BM1 STMICROELECTRONICS-HCF4089BM1 Datasheet
573Kb / 11P
BINARY RATE MULTIPLIER
Sep-2002
HCF4089B STMICROELECTRONICS-HCF4089B_02 Datasheet
573Kb / 11P
BINARY RATE MULTIPLIER
Sep-2002
HCF4089M013TR STMICROELECTRONICS-HCF4089M013TR Datasheet
573Kb / 11P
BINARY RATE MULTIPLIER
Sep-2002
More results

Similar Description - HCF4089

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
BCD rate multiplier
January 1995
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
CMOS BINARY RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
265Kb / 6P
CMOS BCD RATE MULTIPLIER
logo
Intersil Corporation
CD4089BMS INTERSIL-CD4089BMS Datasheet
92Kb / 10P
CMOS Binary Rate Multiplier
December 1992
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
BCD Rate Multiplier
logo
STMicroelectronics
HCF4089B STMICROELECTRONICS-HCF4089B_02 Datasheet
573Kb / 11P
BINARY RATE MULTIPLIER
Sep-2002
logo
Texas Instruments
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
CMOS Binary Rate Multiplier
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
CMOS BINARY RATE MULTIPLIER
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
CMOS Binary Rate Multiplier High-Voltage Types
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com