Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50GR Datasheet(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50GR
Description  Miniature Gear-Driven Rotary Stage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50GR Datasheet(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50GR Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 9Page - AEROTECH US. ALL RIGHTS RESERVED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
aerotech.com
MPS-GR SERIES ORDERING INFORMATION
MPS-GR Series Miniature Gear-Driven Rotary Stage
MPS50GR
MPS50GR miniature gear-driven rotary stage with 20 mm aperture
MPS75GR
MPS75GR miniature gear-driven rotary stage with 30 mm aperture
Vacuum Preparation (Optional)
-HV
High vacuum preparation to 10-6 torr
Motor (Required)
-M1
DC servomotor
-M2
Stepper motor
Mounting Plate (Optional)
-MP
Optical table mounting plate
Lens Mount (Optional)
-LMO Aperture lens mount
Metrology (Required)
-PL0
No metrology performance plots
-PL1
Metrology, uncalibrated with performance plots
-PL2
Metrology, calibrated (HALAR) with performance plots
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully
operational as quickly as possible. The following standard integration options are available for this
system. Please consult Aerotech if you are unsure what level of integration is required, or if you desire
custom integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that will
be used together (ex: drive, controller, and stage). This includes parameter file generation, system
tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This is
typically used for spare parts, replacement parts, or items that will not be used together. These
components may or may not be part of a larger system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com