Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50GR Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50GR
Description  Miniature Gear-Driven Rotary Stage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50GR Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50GR Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50GR Datasheet HTML 9Page - AEROTECH US. ALL RIGHTS RESERVED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
aerotech.com
MPS-GR SERIES SPECIFICATIONS
Notes:
1. Requires -PL2 metrology option.
2. Payload specifications are single-axis system.
3. Excessive duty cycle may impact stage accuracy.
4. Performance of multi-axis systems is payload and workpoint dependent. Consult factory for multi-axis or non-standard applications.
* With Aerotech control system.
Mechanical Specifications
MPS50GR
MPS75GR
Travel
360° Continuous
Accuracy-Calibrated(1)
80 arc sec
Resolution (Minimum Incremental
Motion)
DC Servomotor (-M1)
2 arc sec
1 arc sec
Stepper Motor (-M2)
2 arc sec
1 arc sec
Unidirectional Repeatability
DC Servomotor (-M1)
8 arc sec
6 arc sec
Stepper Motor (-M2)
20 arc sec
10 arc sec
Tilt Error Motion
40 arc sec
Worm Gear Ratio
80:1
100:1
Maximum Speed
DC Servomotor (-M1)
23 deg/s
180 deg/s
Stepper Motor (-M2)
4.5 deg/s
100 deg/s
Aperture
20 mm
30 mm
Maximum Torque (Continuous)
0.4 N•m
0.6 N•m
Load Capacity(2)
Axial
4 kg
12 kg
Radial
1 kg
5 kg
Moment
0.25 N•m
1.5 N•m
Rotor Inertia (Unloaded)
0.000031 kg•m2
0.000141 kg•m2
Stage Mass
0.8 kg
1.7 kg
Material
Anodized Aluminum Body
Electrical Specifications
MPS50GR
MPS75GR
Drive System
DC Servomotor (-M1): DC Brush Servomotor with 14:1
Gearbox
Stepper Motor (-M2): 24 VDC Bipolar Stepper Motor
with 43:1 Gearbox
DC Servomotor (-M1): DC Brush Servomotor
Stepper Motor (-M2): 24 VDC Bipolar Stepper Motor
Feedback
DC Servomotor (-M1): 512 lines/rev Rotary Encoder
Stepper Motor (-M2): N/A
DC Servomotor (M1): 10,000 lines/rev Rotary Encoder
Stepper Motor (-M2 ): N/A
Electronic Resolution
DC Servomotor (-M1): 0.565 arc sec (0.000157°)
Stepper Motor (-M2): 0.785 arc sec (0.000218°)
@ 480 steps/rev motor resolution
DC Servomotor (-M1): 0.324 arc sec (0.00009°)
Stepper Motor (-M2): 0.324 arc sec (0.00009°)
@ 40000 steps/rev motor resolution
Maximum Bus Voltage
DC Servomotor (-M1) 48 VDC
Stepper Motor (-M2): 48 VDC*
Home Marker
Optical Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com