Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50SL-025 Datasheet(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50SL-025
Description  Miniature Mechanical-Bearing, Screw-Driven Linear Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50SL-025 Datasheet(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50SL-025 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
aerotech.com
MPS50SL SERIES ORDERING INFORMATION
Travel (Required)
-025
25 mm travel stage
-050
50 mm travel stage
Drive Screw (Required)
-BS
Precision-ground ball screw, 1 mm/rev
-LS
Precision-ground lead screw, 0.5 mm/rev
Vacuum Preparation (Optional)
-HV
High vacuum preparation to 10-6 Torr
Motor (Required)
-M1
DC servomotor
-M2
Stepper motor
Mounting Plate (Optional)
-MP
Optical table mounting plate
Metrology (Required)
-PL0
No metrology performance plots
-PL1
Metrology, uncalibrated with performance plots
-PL2
Metrology, calibrated (HALAR) with performance plots
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully operational
as quickly as possible. The following standard integration options are available for this system. Please consult
Aerotech if you are unsure what level of integration is required, or if you desire custom integration support with
your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system
that will be used together (ex: drive, controller, and stage). This includes parameter file
generation, system tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This
is typically used for spare parts, replacement parts, or items that will not be used together.
These components may or may not be part of a larger system.
Accessories (to be ordered as separate line item)
HDZ-MPS50SL
Right angle bracket, MPS50SL
HDZ-MPS50SL-HV Right angle bracket, MPS50SL, high vacuum preparation to 10-6 Torr



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com