Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50SL-025 Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50SL-025
Description  Miniature Mechanical-Bearing, Screw-Driven Linear Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50SL-025 Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50SL-025 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-025 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
aerotech.com
MPS50SL SERIES SPECIFICATIONS
Mechanical Specifications
MPS50SL-025
MPS50SL-050
Travel
25 mm
50 mm
Accuracy
1.0 mm/rev Ball
Screw
Uncalibrated
±6 µm
±8 µm
Calibrated(1)
±1.5 µm
0.5 mm/rev Lead
Screw
Uncalibrated
±10 µm
±12 µm
Calibrated(1)
±2.0 µm
±2.5 µm
Resolution
(Minimum Incremental Motion)
1.0 mm/rev Ball Screw
0.1 µm
0.5 mm/rev Lead Screw
0.1 µm
Repeatability (Bi-Directional)(1)
1.0 mm/rev Ball Screw
±0.75um
0.5 mm/rev Lead Screw
±1.5 µm
Straightness
±2.0 µm
±3.0 µm
Flatness
±2.0 µm
±3.0 µm
Maximum Speed
1.0 mm/rev Ball
Screw
DC Motor (-M1)
5 mm/s
Stepper Motor (-M2)
1 mm/s
0.5 mm/rev Lead
Screw
DC Motor (-M1)
2.5 mm/s
Stepper Motor (-M2)
0.5 mm/s
Load Capacity(2)
Horizontal
5 kg
Side
5 kg
Vertical
2.5 kg
Stage Mass
0.85 kg
0.9 kg
Material
Anodized Aluminum Body
Notes:
1. With Aerotech controllers.
2. Payload specifications are single-axis system.
3. Excessive duty cycle may impact stage accuracy.
4. Specifications are for single-axis systems, measured 25 mm above the tabletop.
MPS50SL load curves.
MPS50SL with MPS75SL in a dual-axis XY configuration.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com